Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 48 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6635 Datasheet HTML 44Page - Analog Devices AD6635 Datasheet HTML 45Page - Analog Devices AD6635 Datasheet HTML 46Page - Analog Devices AD6635 Datasheet HTML 47Page - Analog Devices AD6635 Datasheet HTML 48Page - Analog Devices AD6635 Datasheet HTML 49Page - Analog Devices AD6635 Datasheet HTML 50Page - Analog Devices AD6635 Datasheet HTML 51Page - Analog Devices AD6635 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
REV. 0
–48–
AD6635
Table XV. Memory Map for Output Port Control Registers (continued)
Channel Address (hex)
Register
Bit Width
Comments
4: Clipping Error
1Maintain level of clipping error
0Maintain output signal level
3: Sync Now
2: Init on Sync
1: First Sync Only
0: Bypass
0B
AGC A Hold Off Counter
16
15–0: Holdoff Value
0C
AGC A Desired Level
8
7–0: Desired Output Power Level or Clipping Energy
(R Parameter)
0D
AGC A Signal Gain
12
11–0: Gs Parameter
0E
AGC A Loop Gain
8
7–0: K Parameter
0F
AGC A Pole Location
8
7–0: P Parameter
10
AGC A Average Samples
6
5–2: Scale for CIC Decimator
1–0: Number of Averaging Samples
11
AGC A Update Decimation
12
11–0: CIC Decimation Ratio
12
AGC B Control Register
8
7–5: Output Word Length
111
4 bits
110
5 bits
101
6 bits
100
7 bits
011
8 bits
010
10 bits
001
12 bits
000
16 bits
4: Clipping Error
1Maintain level of clipping error
0Maintain output signal level
3: Sync Now
2: Init on Sync
1: First Sync Only
0: Bypass
13
AGC B Hold Off Counter
16
15–0: Holdoff Value
14
AGC B Desired Level
8
7–0: Desired Output Power Level or Clipping Energy
(R Parameter)
15
AGC B Signal Gain
12
11–0: Gs Parameter
16
AGC B Loop Gain
8
7–0: K Parameter
17
AGC B Pole Location
8
7–0: P Parameter
18
AGC B Average Samples
6
5–2: Scale for CIC Decimator
1–0: Number of Averaging Samples
19
AGC B Update Decimation
12
11–0: CIC Decimation
1A
Parallel A Control
8
7–6: Reserved
5: Parallel Port Data Format
1: 8-Bit Parallel I, Q
0: 16-Bit Interleaved I, Q
4: Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com