Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 47 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD6635 Datasheet HTML 43Page - Analog Devices AD6635 Datasheet HTML 44Page - Analog Devices AD6635 Datasheet HTML 45Page - Analog Devices AD6635 Datasheet HTML 46Page - Analog Devices AD6635 Datasheet HTML 47Page - Analog Devices AD6635 Datasheet HTML 48Page - Analog Devices AD6635 Datasheet HTML 49Page - Analog Devices AD6635 Datasheet HTML 50Page - Analog Devices AD6635 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
REV. 0
AD6635
–47–
is prior to the ADC, there is a latency associated with the ADC
and with the settling of the gain change. This register allows the
internal delay of the LIA-A and LIA-B signal to be programmed.
0x04 Lower Threshold B
This word is 10 bits wide and maps to the 10 MSBs of the
mantissa. If the upper 10 bits of Input Port B are less than or
equal to this value, the lower threshold has been met. In nor-
mal chip operation, this starts the dwell time counter. If the
input signal increases above this value, the counter is reloaded
and waits for the input to drop back to this level.
0x05 Upper Threshold B
This word is 10 bits wide and maps to the 10 MSBs of the
mantissa. If the upper 10 bits of Input Port B are greater than
or equal to this value, the upper threshold has been met. In
normal chip operation, this will cause the appropriate LI pin
(LIB-A or LIB-B) to become active.
0x06 Dwell Time B
This sets the time that the input signal must be at or below the
lower threshold before the LI pin is deactivated. For the input
level detector to work, the dwell time must be set to at least 1. If
set to 0, the LI functions are disabled.
This is a 20-bit register. When the lower threshold is met fol-
lowing an excursion into the upper threshold, the dwell time
counter is loaded and begins to count high speed clock cycles as
long as the input is at or below the lower threshold. If the signal
increases above the lower threshold, the counter is reloaded and
waits for the signal to fall below the lower threshold again.
0x07 Gain Range B Control Register
Bit 4 determines the polarity of LIB-A and LIB-B. If this bit
is clear, the LI signal is high when the upper threshold has
been exceeded. However, if this bit is set, the LI pin is low
when active. This allows maximum flexibility when using
this function.
Bit 3 determines if the input consists of a single channel or
TDM channels, such as when using the AD6600. If this bit is
cleared, a single ADC is assumed. In this mode, LIB-A func-
tions as the active output indicator. LIB-B provides the
compliment of LIB-A. However, if this bit is set, the input is
determined to be dual-channel and determined by the state of
the IENB pin. If the IENB pin is low, the input detection is
directed to LIB-A. If the IENB pin is high, the input is directed
to LIB-B. In either case, Bit 4 determines the actual polarity of
these signals.
Bits 2–0 determine the internal latency of the gain detect func-
tion. When the LIB-A and LIB-B pins are made active, they are
typically used to change an attenuator or gain stage. Since this is
prior to the ADC, there is a latency associated with the ADC and
with the settling of the gain change. This register allows the inter-
nal delay of the LIB-A and LIB-B signal to be programmed.
Table XV. Memory Map for Output Port Control Registers
Channel Address (hex)
Register
Bit Width
Comments
08
Port A Control Register
4
3: Port A Enable
2–1: HB A Signal Interleaving
11
All 4 Channels
10
Channels 0, 1, 2
01
Channels 0, 1
00
Channel 0
0: Bypass
09
Port B Control Register
3
2: Port B Enable
1: HB A Signal Interleaving
1Channels 2, 3
0Channel 2
0: Bypass
0A
AGC A Control Register
8
7–5: Output Word Length
111
4 bits
110
5 bits
101
6 bits
100
7 bits
011
8 bits
010
10 bits
001
12 bits
000
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com