Electronic Components Datasheet Search
  English  ▼

X  

AD6635 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 5 Page - Analog Devices

  AD6635 Datasheet HTML 1Page - Analog Devices AD6635 Datasheet HTML 2Page - Analog Devices AD6635 Datasheet HTML 3Page - Analog Devices AD6635 Datasheet HTML 4Page - Analog Devices AD6635 Datasheet HTML 5Page - Analog Devices AD6635 Datasheet HTML 6Page - Analog Devices AD6635 Datasheet HTML 7Page - Analog Devices AD6635 Datasheet HTML 8Page - Analog Devices AD6635 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
REV. 0
AD6635
–5–
ARCHITECTURE
Each channel of the AD6635 has four signal processing stages:
a Frequency Translator, a second-order Resampling Cascaded
Integrator Comb FIR Filter (rCIC2), a fifth-order Cascaded
Integrator Comb FIR Filter (CIC5), and a RAM Coefficient
FIR Filter (RCF). Multiple modes are supported for clocking
data into and out of the chip, and for providing flexibility for inter-
facing to a wide variety of digitizers. Programming and control is
accomplished via serial and/or microprocessor interfaces.
Frequency translation is accomplished with a 32-bit complex
Numerically Controlled Oscillator (NCO). Real data entering
this stage is separated into inphase (I) and quadrature (Q) com-
ponents by multiplying with the complex NCO word. This stage
translates the input signal from a digital intermediate frequency
(IF) to digital baseband. Phase and amplitude dither may be
enabled on-chip to improve spurious performance of the NCO.
A phase-offset word is available to create a known phase rela-
tionship between multiple AD6635s or between channels.
Following frequency translation is a fixed coefficient, high speed,
second-order, Resampling Cascade Integrator Comb (rCIC2) filter
that reduces the sample rate based on the ratio between the deci-
mation and interpolation registers.
The next stage is a fifth-order Cascaded Integrator Comb (CIC5)
filter whose response is defined by the decimation rate. The pur-
pose of these filters is to reduce the data rate to the final filter stage
(RCF), so that it can calculate more taps for the same RCF band-
width. The CIC5 filter has better antialiasing (filtering) compared
to rCIC2. In light of this, the user is advised to use this filter only if
resampling is required or if the required decimation cannot be
handled by CIC5 alone.
The final stage is a sum-of-products FIR filter with program-
mable 20-bit coefficients, and decimation rates programmable
from 1 to 256 (1 to 32 in practice). The RAM Coefficient FIR
Filter (RCF) can handle a maximum of 160 taps.
The data coming out of the RCF can be sent to output ports or
to an interleaver. This section can interleave data from more
than one channel. One carrier can be processed using more than
one channel and the interleaver will interleave the data back into
the output section. This way, processing power from more than
one channel can be used for one carrier.
The interleaved data is sent into a fixed coefficient half-band
interpolation filter where data is interpolated by a factor of two.
Digital AGC following the half-band filter has a gain range of
96.3 dB. This AGC section is completely programmable in
terms of its response. Four each of half-band filters and AGCs
are present in the AD6635, as shown in the Functional Block
Diagram. These half-band filters and AGC sections can be
bypassed independent of each other.
The overall filter response for the AD6635 is the composite of
all decimating and interpolating stages. Each successive filter
stage is capable of narrower transition bandwidths, but requires
a greater number of CLK cycles to calculate the output. More
decimation in the first filter stage will minimize overall power
consumption. Each independent filter stage can be bypassed in
a unique way. Data from the chip is interfaced to the DSP via
either a high speed parallel port or a TigerSHARC compatible
link port. Each output can be independently configured to use
either the parallel port or the link port.
Figure 1 illustrates the tuning function of the AD6635 NCOs to
select and filter a single channel from a wide input spectrum.
The frequency translator “tunes” the desired carrier to base-
band. Figure 2 shows the combined filter response of the rCIC2,
CIC5, and RCF filters for a sample filter configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com