Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 56Page - National Semiconductor (TI) DP83932B Datasheet HTML 57Page - National Semiconductor (TI) DP83932B Datasheet HTML 58Page - National Semiconductor (TI) DP83932B Datasheet HTML 59Page - National Semiconductor (TI) DP83932B Datasheet HTML 60Page - National Semiconductor (TI) DP83932B Datasheet HTML 61Page - National Semiconductor (TI) DP83932B Datasheet HTML 62Page - National Semiconductor (TI) DP83932B Datasheet HTML 63Page - National Semiconductor (TI) DP83932B Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
50 Bus Interface (Continued)
5454 Memory Cycle for BMODE e 0 Synchronous
Mode
On the rising edge of T1 the SONIC-16 asserts ADS and
ECS to indicate that the memory cycle is starting The ad-
dress (A23 – A1) bus status (S2 – S0) and the direction
strobe (MWR) are driven and do not change for the remain-
der of the memory cycle On the falling edge of T1 the
SONIC-16 deasserts ECS ADS is deasserted on the rising
edge of T2
In Synchronous mode RDYi is sampled on the rising edge
at the end of T2 (the rising edge of the next T1 or Tx) T2
states will be repeated until RDYi is sampled properly in a
low state RDYi must meet the setup and hold times with
respect to the rising edge of bus clock for proper operation
During read cycles (
Figures 5-14 ) data (D15 – D0) is latched
at the rising edge at the end of T2 For write cycles (
Figure
5-15 ) data is driven on the falling edge of T1 and stays
driven until the end of the cycle
TLF11722 – 38
FIGURE 5-14 Memory Read BMODEe0 Synchronous (1 Wait-State)
TLF11722 – 40
FIGURE 5-15 Memory Write BMODEe0 Synchronous (1 Wait-State)
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com