Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 81Page - National Semiconductor (TI) DP83932B Datasheet HTML 82Page - National Semiconductor (TI) DP83932B Datasheet HTML 83Page - National Semiconductor (TI) DP83932B Datasheet HTML 84Page - National Semiconductor (TI) DP83932B Datasheet HTML 85Page - National Semiconductor (TI) DP83932B Datasheet HTML 86Page - National Semiconductor (TI) DP83932B Datasheet HTML 87Page - National Semiconductor (TI) DP83932B Datasheet HTML 88Page - National Semiconductor (TI) DP83932B Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 96 page
background image
70 AC and DC Specifications (Continued)
MEMORY ARBITRATIONSLAVE ACCESS
TLF11722 – 72
Number
Parameter
20 MHz
Units
Min
Max
T56
CS Low Asynch Setup to BSCK
12
ns
(Note 2)
T57
CS High Asynch Setup to BSCK
8
ns
T58
MREQ Low Asynch Setup to BSCK
12
ns
(Note 2)
T59
MREQ High Asynch Setup to BSCK
12
ns
T60
MREQ or CS to SMACK Low (Notes 3 4)
15
bcyc
55
T80
MREQ to SMACK High
30
ns
T81
BSCK to SMACK Low
25
ns
Note 1
Both CS and MREQ must not be asserted concurrently If these signals are successively asserted there must be at least two bus clocks between the
deasserting and asserting edges of these signals
Note 2
It is not necessary to meet the setup times for MREQ or CS since these signals are asynchronously sampled Meeting the setup time for these signals
however makes it possible to use T60 to determine exactly when SMACK will be asserted
Note 3
The smaller value for T60 refers to when the SONIC-16 is accessed during an Idle condition and the other value refers to when the SONIC-16 is accessed
during non-idle conditions These values are not tested but are guaranteed by design This specification assumes that CS or MREQ is asserted
bus clock before
the falling edge that these signals are asynchronously clocked in on (see T56 and T58) If T56 is met for CS or T58 is met for MREQ then SMACK will be asserted
exactly 1 bus clock when the SONIC-16 was idle or 5 bus clocks when the SONIC-16 was in master mode after the edge that T56 and T58 refer to (This is
assuming that there were no wait states in the current master mode access Wait states will increase the time for SMACK to go low by the number of wait states in
the cycle) SAS must have been asserted for this timing to be correct See SAS and CS timing in the Register Read and Register Write timing specifications
Note 4
bcyc e bus clock cycle time (T3)
Note 5
The way in which SMACK is asserted is due to CS is not the same as the way in which SMACK is asserted due to MREQ SMACK goes low as a direct
result of the assertion of MREQ whereas for CS SAS must also be driven low (BMODE e 1) or high (BMODE e 0) before SMACK will be asserted This means
that when SMACK is asserted due to MREQ SMACK will remain asserted until MREQ is deasserted Multiple memory accesses can be made to the shared
memory without SMACK ever going high When SMACK is asserted due to CS however SMACK will only remain low as long as SAS is also low (BMODE e 1) or
high (BMODE e 0) SMACK will not remain low throughout multiple register accesses to the SONIC-16 because SAS must toggle for each register access This is
an important difference to consider when designing shared memory designs
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com