| Electronic Components Datasheet Search |
|
DP83932B Datasheet(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83932B Datasheet(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 96 page ![]() 30 Buffer Management (Continued) 33 DESCRIPTOR DATA ALIGNMENT All fields used by descriptors (RXpktxxx RXrsrcxxx and TXpktxxx) are word quantities (16-bit) and must be aligned to word boundaries (A0e0) The Receive Buffer Area (RBA) must also be aligned to a word boundary The frag- ments in the Transmit Buffer Area (TBA) however may be aligned on any arbitrary byte boundary All descriptor areas follow little endian byte ordering even when BMODE e 1 34 RECEIVE BUFFER MANAGEMENT The Receive Buffer Management operates on three areas in memory into which data status and control information are written during reception (Figure 3-2 ) These three areas must be initialized (section 344) before enabling the receiv- er (setting the RXEN bit in the Command register) The re- ceive resource area (RRA) contains descriptors that locate receive buffer areas in system memory These descriptors are denoted by R1 R2 etc in Figure 3-2 Packets (denoted by P1 P2 etc) can then be buffered into the corresponding RBAs Depending on the size of each buffer area and the size of the packet(s) multiple or single packets are buffered into each RBA The receive descriptor area (RDA) contains status and control information for each packet (D1 D2 etc in Figure 3-2 ) corresponding to each received packet (D1 goes with P1 D2 with P2 etc) When a packet arrives the address recognition logic checks the address for a Physical Multicast or Broadcast match and if the packet is accepted the SONIC-16 buffers the packet contiguously into the selected Receive Buffer Area (RBA) Because of the previous end-of-packet processing the SONIC-16 assures that the complete packet is written into a single contiguous block When the packet ends the SONIC-16 writes the receive status byte count and loca- tion of the packet into the Receive Descriptor Area (RDA) The SONIC-16 then updates its pointers to locate the next available descriptor and checks the remaining words avail- able in the RBA If sufficient space remains the SONIC-16 buffers the next packet immediately after the previous pack- et If the current buffer is out of space the SONIC-16 fetches a Resource descriptor from the Receive Resource Area (RRA) acquiring an additional buffer that has been previous- ly allocated by the system 341 Receive Resource Area (RRA) As buffer memory is consumed by the SONIC-16 for storing data the Receive Resource Area (RRA) provides a mecha- nism that allows the system to allocate additional buffer space for the SONIC-16 The system loads this area with resource descriptors that the SONIC-16 in turn reads as its current buffer space is used up Each resource descriptor consists of a 23-bit buffer pointer locating the starting point of the RBA and a 32-bit Word Count that indicates the size of the buffer in words (2 bytes per word) The buffer pointer and word count are contiguously located using the format shown in Figure 3-3 with each component composed of 16- bit fields The SONIC-16 stores this information internally and concatenates the corresponding fields to create 23- and 32-bit long words for the buffer pointer and word count The SONIC-16 organizes the RRA as a circular queue for efficient processing of descriptors Four registers define the RRA The first two the Resource Start Area (RSA) and the Resource End Area (REA) registers determine the starting and ending locations of the RRA and the other two regis- ters update the RRA The system adds descriptors at the address specified by the Resource Write Pointer (RWP) and the SONIC-16 reads the next descriptor designated by the Resource Read Pointer (RRP) The RRP is advanced 4 words after the SONIC-16 finishes reading the RRA and automatically wraps around to the beginning of the RRA once the end has been reached When a descriptor in the RRA is read the RXrscbuff pt01 is loaded into the CRBA01 registers and the RXrscbuff wc01 is loaded into the RBWC01 registers The alignment of the RRA is confined to word boundaries (A0 is always zero) TLF11722 – 11 FIGURE 3-2 Overview of Receive Buffer Management 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |