Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 74Page - National Semiconductor (TI) DP83932B Datasheet HTML 75Page - National Semiconductor (TI) DP83932B Datasheet HTML 76Page - National Semiconductor (TI) DP83932B Datasheet HTML 77Page - National Semiconductor (TI) DP83932B Datasheet HTML 78Page - National Semiconductor (TI) DP83932B Datasheet HTML 79Page - National Semiconductor (TI) DP83932B Datasheet HTML 80Page - National Semiconductor (TI) DP83932B Datasheet HTML 81Page - National Semiconductor (TI) DP83932B Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
70 AC and DC Specifications (Continued)
MEMORY WRITE BMODE e 1 SYNCHRONOUS MODE (one wait-state shown)
TLF11722 – 65
Number
Parameter
20 MHz
Units
Min
Max
T9
BSCK to Address Valid
34
ns
T10
Address Hold Time from BSCK
5
ns
T11a
BSCK to AS DS ECS Low
26
ns
T12a
BSCK to AS ECS High
34
ns
T13a
BSCK to DS High
36
ns
T14
AS Strobe Low Width (Note 3)
bcyc b 7ns
T15a
AS Strobe High Width (Note 3)
bcyc b 15
ns
T18
Write Data Strobe Low Width (Notes 1 3)
bcyc b 5ns
T22
Address Valid to AS (Note 3)
bch b 18
ns
T30
DSACK01 Setup to BSCK (Note 4)
8
ns
T31
DSACK01 Hold from BSCK
12
ns
T36
BSCK to Memory Write Data Valid
70
ns
T37
BSCK to MRW (Write) Valid (Note 2)
30
ns
T39
Write Data Valid to
bcyc b 40
ns
Data Strobe Low (Note 3)
T40
Memory Write Data Hold Time from BSCK
10
ns
Note 1
DS will only be asserted if the bus cycle has at least one wait state inserted
Note 2
For successive read operations MWR remains low and for successive write operations MWR remains high During RBA and TBA transfers the MWR
signal will stay either high or low for the entire burst of the transfer During RDA and TDA transfers the MWR signal will switch on the rising edge of a Ti (idle) state
that is inserted between the read and the write operation
Note 3
bcyc e bus clock cycle time (T3) bch e bus clock high time (T2)
Note 4
DSACK01 must be synchronized to the bus clock (BSCK) during synchronous mode
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com