Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 71Page - National Semiconductor (TI) DP83932B Datasheet HTML 72Page - National Semiconductor (TI) DP83932B Datasheet HTML 73Page - National Semiconductor (TI) DP83932B Datasheet HTML 74Page - National Semiconductor (TI) DP83932B Datasheet HTML 75Page - National Semiconductor (TI) DP83932B Datasheet HTML 76Page - National Semiconductor (TI) DP83932B Datasheet HTML 77Page - National Semiconductor (TI) DP83932B Datasheet HTML 78Page - National Semiconductor (TI) DP83932B Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
70 AC and DC Specifications (Continued)
MEMORY READ BMODE e 0 SYNCHRONOUS MODE (one wait-state shown)
TLF11722 – 62
Number
Parameter
20 MHz
Units
Min
Max
T9
BSCK to Address Valid
34
ns
T10
Address Hold Time from BSCK
5
ns
T11
BSCK to ADS ECS Low
34
ns
T12
BSCK to ADS ECS High
34
ns
T15
ADS High Width (Note 2)
bcyc b 5ns
T23
Read Data Setup Time to BSCK
12
ns
T24
Read Data Hold Time from BSCK
7
ns
T28
BSCK to MWR (Read) Valid (Note 1)
30
ns
T32
RDYi Setup Time to BSCK
30
ns
T33
RDYi Hold Time to BSCK
5
ns
Note 1
For successive read operations MWR remains low and for successive write operations MWR remains high During RBA and TBA transfers the MWR
signal will stay either high or low for the entire burst of the transfer During RDA and TDA transfers the MWR signal will switch on the rising edge of a Ti (idle) state
that is inserted between the read and the write operation
Note 2
bcyc e bus clock cycle time (T3)
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com