Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 78Page - National Semiconductor (TI) DP83932B Datasheet HTML 79Page - National Semiconductor (TI) DP83932B Datasheet HTML 80Page - National Semiconductor (TI) DP83932B Datasheet HTML 81Page - National Semiconductor (TI) DP83932B Datasheet HTML 82Page - National Semiconductor (TI) DP83932B Datasheet HTML 83Page - National Semiconductor (TI) DP83932B Datasheet HTML 84Page - National Semiconductor (TI) DP83932B Datasheet HTML 85Page - National Semiconductor (TI) DP83932B Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
70 AC and DC Specifications (Continued)
BUS REQUEST TIMING BMODE e 0
TLF11722 – 69
Number
Parameter
20 MHz
Units
Min
Max
T43
BSCK to HOLD High (Note 2)
25
ns
T44
BSCK to HOLD Low (Note 2)
22
ns
T45
HLDA Asynchronous Setup Time to BSCK
5
ns
T46
HLDA Deassert Setup Time (Note 1)
5
ns
T51
BSCK to Address ADS MWR DS ECS
USRk10l and EXUSRk30lTRI-STATE
52
ns
(Note 4)
T52
BSCK to Data TRI-STATE (Note 4)
68
ns
T53
BSCK to USRk10l Valid
50
ns
T55
BSCK to Bus Status
40
ns
Idle to Non-Idle
T55a
BSCK to Bus Status
40
ns
Non-Idle to Idle (Note 3)
T55b
Sk20l Hold from BSCK
10
ns
Note 1
A block transfer by the SONIC-16 can be pre-empted from the bus by deasserting HLDA provided HLDA is asserted T46 before the rising edge of the last
T2 in the current access
Note 2
The assertion edge for HOLD is dependent upon the PH bit in the DCR2 The default situation is shown wih a solid line in the timing diagram T43 and T44
apply for both modes Also if HLDA is asserted when the SONIC-16 wants to acquire the bus HOLD will not be asserted until HLDA has been deasserted first
Note 3
Sk20l will indicate IDLE at the end of T2 if the last operation is a read operation or at the end of Th if the last operation is a write operation
Note 4
This timing value includes an RC delay inherent in the test measurement These signals typically TRI-STATE 7 ns earlier enabling other devices to drive
these lines without contention
Note 5
For specific timings on these signals (driven by the SONIC-16) see the memory read and memory write timing diagrams on previous pages
82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com