Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 76Page - National Semiconductor (TI) DP83932B Datasheet HTML 77Page - National Semiconductor (TI) DP83932B Datasheet HTML 78Page - National Semiconductor (TI) DP83932B Datasheet HTML 79Page - National Semiconductor (TI) DP83932B Datasheet HTML 80Page - National Semiconductor (TI) DP83932B Datasheet HTML 81Page - National Semiconductor (TI) DP83932B Datasheet HTML 82Page - National Semiconductor (TI) DP83932B Datasheet HTML 83Page - National Semiconductor (TI) DP83932B Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
70 AC and DC Specifications (Continued)
MEMORY WRITE BMODE e 1 ASYNCHRONOUS MODE
TLF11722 – 67
Number
Parameter
20 MHz
Units
Min
Max
T9
BSCK to Address Valid
34
ns
T10
Address Hold Time from BSCK
5
ns
T11a
BSCK to AS DS ECS Low
26
ns
T12a
BSCK to AS ECS High
34
ns
T13a
BSCK to DS High
36
ns
T14
AS Strobe Low Width (Note 3)
bcyc b 7ns
T15a
AS Strobe High Width (Note 3)
bcyc b 15
ns
T18
Write Data Strobe Low Width (Notes 3 4)
bcyc b 5ns
T22
Address Valid to AS (Note 3)
bch b 18
ns
T30
DSACK01 Setup to BSCK (Note 2)
8
ns
T30a
STERM Setup to BSCK (Note 2)
6
ns
T31
DSACK01 Hold from BSCK
12
ns
T31a
STERM Hold from BSCK
12
ns
T36
BSCK to Memory Write Data Valid
70
ns
T37
BSCK to MRW (Write) Valid (Note 1)
30
ns
T39
Write Data Valid to Data Strobe Low (Note 3)
bcyc b 40
ns
T40
Memory Write Data Hold from BSCK
10
ns
Note 1
For successive read operations MWR remains low and for successive write operations MWR remains high During RBA and TBA transfers the MWR
signal will stay either high or low for the entire burst of the transfer During RDA and TDA transfers the MWR signal will switch on the rising edge of a Ti (idle) state
that is inserted between the read and the write operation
Note 2
Meeting the setup time for DSACK01 or STERM guarantees that the SONIC-16 will terminate the memory cycle 1
bus clocks after DSACK01 were
sampled or 1 cycle after STERM was sampled T2 states will be repeated until DSACK01 or STERM are sampled properly in a low state If the SONIC-16 samples
DSACK01 or STERM low during the T1 or first T2 state respectively the SONIC-16 will finish the current access in a total of two bus clocks instead of three
(assuming that programmable wait states are set to 0) DSACK01 are asynchronously sampled and STERM is synchronously sampled
Note 3
bcyc e bus clock cycle time (T3) bch e bus clock high time (T2)
Note 4
DS will only be asserted if the bus cycle has at least one wait state inserted
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com