Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 63Page - National Semiconductor (TI) DP83932B Datasheet HTML 64Page - National Semiconductor (TI) DP83932B Datasheet HTML 65Page - National Semiconductor (TI) DP83932B Datasheet HTML 66Page - National Semiconductor (TI) DP83932B Datasheet HTML 67Page - National Semiconductor (TI) DP83932B Datasheet HTML 68Page - National Semiconductor (TI) DP83932B Datasheet HTML 69Page - National Semiconductor (TI) DP83932B Datasheet HTML 70Page - National Semiconductor (TI) DP83932B Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
50 Bus Interface (Continued)
548 On-Chip Memory Arbiter
For applications which share the buffer memory area with
the host system (shared-memory applications) the SONIC-
16 provides a fast on-chip memory arbiter for efficiently re-
solving accesses between the SONIC-16 and the host sys-
tem (
Figure 5-25 ) The host system indicates its intentions
to use the shared-memory by asserting Memory Request
(MREQ) The SONIC-16 will allow the host system to use
the shared memory by acknowledging the host system’s re-
quest with Slave and Memory Acknowledge (SMACK)
Once SMACK is asserted the host system may use the
shared memory freely The host system gives up the shared
memory by deasserting MREQ
MREQ is clocked in on the falling edge of bus clock and is
double synchronized internally to the rising edge SMACK is
asserted on the falling edge of a Ts bus cycle If the SONIC-
16 is not currently accessing the memory SMACK is assert-
ed immediately after MREQ was clocked in If however the
SONIC-16 is accessing the shared memory it finishes its
current memory transfer and then issues SMACK SMACK
will be asserted 1 or 5 (see Note 2 below) bus clocks re-
spectively after MREQ is clocked in Since MREQ is double
synchronized it is not necessary to meet its setup time
Meeting the setup time for MREQ will however guarantee
that SMACK is asserted in the next or fifth bus clock after
the current bus clock SMACK will deassert within one bus
clock after MREQ is deasserted The SONIC-16 will then
finish its master operation if it was using the bus previously
If the host system needs to access the SONIC-16’s regis-
ters instead of shared memory CS would be asserted in-
stead of MREQ Accessing the SONIC-16’s registers works
almost exactly the same as accessing the shared memory
except that the SONIC-16 goes into a slave cycle instead of
going idle See Section 547 for more information about
how register accesses work
Note 1
The successive assertion of CS and MREQ must be separated by
at least two bus clocks Both CS and MREQ must not be asserted
concurrently
Note 2
The number of bus clocks between MREQ being asserted and the
assertion of SMACK when the SONIC-16 is in Master Mode is 5 bus
clocks assuming there were no wait states in the Master Mode
access Wait states will increase the time for SMACK to go low by
the number of wait states in the cycle (the time will be 5 a the
number of wait states)
Note 3
The way in which SMACK is asserted to due to CS is not the same
as the way in which SMACK is asserted due to MREQ SMACK
goes low as a direct result of the assertion of MREQ whereas for
CS SAS must also be driven low (BMODE e 1) or high (BMODE e
0) before SMACK will be asserted This means that when SMACK
is asserted due to MREQ SMACK will remain asserted until MREQ
is deasserted Multiple memory accesses can be made to the
shared memory without SMACK ever going high When SMACK is
asserted due to CS however SMACK will only remain low as long
as SAS is also low (BMODE e 1) or high (BMODE e 0) SMACK
will not remain low throughout multiple register accesses to the
SONIC-16 because SAS must toggle for each register access This
is an important difference to consider when designing shared mem-
ory designs
TABLE 5-4 Internal Register Content after Reset
Register
Contents after Reset
Hardware
Software
Reset
Reset
Command
0094h
0094h00A4h
Data Configuration
unchanged
(DCR and DCR2)
Interrupt Mask
0000h
unchanged
Interrupt Status
0000h
unchanged
Transmit Control
0101h
unchanged
Receive Control
unchanged
End Of Buffer Count
02F8h
unchanged
Sequence Counters
0000h
unchanged
CAM Enable
0000h
unchanged
Bits 15 and 13 of the DCR and bits 4 through 0 of the DCR2 are reset to a 0
during a hardware reset Bits 15-12 of the DCR2 are unknown until written
to All other bits in these two registers are unchanged
Bits LB1 LB0 and BRD are reset to a 0 during hardware reset All other
bits are unchanged
549 Chip Reset
The SONIC-16 has two reset modes a hardware reset and
a software reset The SONIC-16 can be hardware reset by
asserting the RESET pin or software reset by setting the
RST bit in the Command Register (Section 431) The two
reset modes are not interchangeable since each mode per-
forms a different function
After power-on the SONIC-16 must be hardware reset be-
fore it will become operational This is done by asserting
RESET for a minimum of 10 transmit clocks (10 Ethernet
transmit clock periods TXC) If the bus clock (BSCK) period
is greater than the transmit clock period RESET should be
asserted for 10 bus clocks instead of 10 transmit clocks A
hardware reset places the SONIC-16 in the following state
(The registers affected are listed in parentheses See Table
5-4 and section 43 for more specific information about the
registers and how they are affected by a hardware reset
Only those registers listed below and in Table 5-4 are affect-
ed by a hardware reset)
1
Receiver and Transmitter are disabled (CR)
2
The General Purpose timer is halted (CR)
3
All interrupts are masked out (IMR)
4
The NCRS and PTX status bits in the Transmit Control
Register (TCR) are set
5
The End Of Byte Count (EOBC) register is set to 02F8h
(760 words)
6
Packet and buffer sequence number counters are set to
zero
7
All CAM entries are disabled The broadcast address is
also disabled (CAM Enable Register and the RCR)
8
Loopback operation is disabled (RCR)
9
The latched bus retry is set to the unlatched mode
(DCR)
10 All interrupt status bits are reset (ISR)
11 The Extended Bus Mode is disabled (DCR)
12 HOLD will be asserteddeasserted from the falling
clock edge (DCR2)
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com