| Electronic Components Datasheet Search |
|
DP83932B Datasheet(PDF) 63 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83932B Datasheet(HTML) 63 Page - National Semiconductor (TI) |
|
63 / 96 page ![]() 50 Bus Interface (Continued) 546 Bus Exceptions (Bus Retry) The SONIC-16 provides the capability of handling errors during the execution of the bus cycle ( Figure 5-20 ) The system asserts BRT (bus retry) to force the SONIC-16 to repeat the current memory cycle When the SONIC-16 detects the assertion of BRT it completes the memory cy- cle at the end of T2 and gets off the bus by deasserting BGACK or HOLD Then if Latched Bus Retry mode is not set (LBR in the Data Configuration Register Section 432) the SONIC-16 requests the bus again to retry the same memory cycle If Latched Bus Retry is set though the SON- IC-16 will not retry until the BR bit in the ISR (see Section 436) has been reset and BRT is deasserted BRT has precedence of terminating a memory cycle over DSACK01 STERM or RDYi BRT may be sampled synchronously or asynchronously by setting the EXBUS bit in the DCR (see Section 432) If synchronous Bus Retry is set BRT is sampled on the rising edge of T2 If asynchronous Bus Retry is set BRT is double synchronized from the falling edge of T1 The asynchronous setup time does not need to be met but doing so will guar- antee that the bus exception will occur in the current bus cycle instead of the next bus cycle Asynchronous Bus Re- try may only be used when the SONIC-16 is set to asynchro- nous mode Note 1 The deassertion edge of HOLD is dependent on the PH bit in the DCR2 (see Section 437) Also BGACK is driven high for about bus clock before going TRI-STATE Note 2 If Latched Bus retry is set BRT need only satisfy its setup time (the hold time is not important) Otherwise BRT must remain asserted until after the Th state Note 3 If DSACK01 STERM or RDYi remain asserted after BRT the next memory cycle may be adversely affected 547 Slave Mode Bus Cycle The SONIC-16’s internal registers can be accessed by one of two methods (BMODE e 1 or BMODE e 0) In both methods the SONIC-16 is a slave on the bus This section describes the SONIC-16’s slave mode bus operations 5471 Slave Cycle for BMODE e 1 The system accesses the SONIC-16 by driving SAS SRW and RAk50l These signals will be sampled each bus cy- cle but the SONIC-16 will not actually start a slave cycle until CS has also been asserted CS should not be asserted before SAS is driven low as this will cause improper slave operation Once SAS has been driven low between one and two bus clocks after the assertion of CS SMACK will be asserted to signify that the SONIC-16 has started the slave cycle Although CS is an asynchronous input meeting its setup time (as shown in Figures 5-21 and 5-22 ) will guaran- tee that SMACK which is asserted off of a falling edge will be asserted 1 bus clock after the falling edge that CS is clocked in on This is assuming that the SONIC-16 is not a bus master when CS was asserted If the SONIC-16 is a bus master then when CS is asserted the SONIC-16 will com- plete its current master bus cycle and get off the bus tempo- rarily (see Section 548) In this case SMACK will be as- serted 5 bus clocks after the falling edge that CS was clocked in on This is assuming that there were no wait states in the current master mode access Wait states will increase the time for SMACK to go low by the number of wait states in the cycle If the slave access is a read cycle ( Figure 5-21 ) then the data will be driven off the same edge as SMACK Ifitisa write cycle ( Figure 5-22 ) then the data will be latched in exactly 2 bus clocks after the assertion of SMACK In either case DSACK01 are driven low 2 bus clocks after SMACK to terminate the slave cycle For a read cycle the assertion of DSACK01 indicates valid register data and for a write cycle the assertion indicates that the SONIC-16 has latched the data The SONIC-16 deasserts DSACK01 SMACK and the data if the cycle is a read cycle at the rising edge of SAS or CS depending on which is deasserted first Note 1 Although the SONIC-16 responds as a 32-bit peripheral when it drives DSACK01 low it transfers data only on lines Dk150l Note 2 For multiple register accesses CS can be held low and SAS can be used to delimit the slave cycle (this is the only case where CS may be asserted before SAS) In this case SMACK will be driven low due to SAS going low since CS has already been asserted Notice that this means SMACK will not stay asserted low during the entire time CS is low (as is the case for MREQ Section 548) Note 3 If memory request (MREQ) follows a chip select (CS) it must be asserted at least 2 bus clocks after CS is deasserted Both CS and MREQ must not be asserted concurrently Note 4 When CS is deasserted it must remain deasserted for at least one bus clock Note 5 The way in which SMACK is asserted due to CS is not the same as the way in which SMACK is asserted due to MREQ The assertion of SMACK is dependent upon both CS and SAS being low not just CS This is not the same as the case for MREQ (see Section 548) The assertion of SMACK in these two cases should not be con- fused TLF11722 – 46 FIGURE 5-20 Bus Exception (Bus Retry) 63 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |