Electronic Components Datasheet Search
  English  ▼

X  

DP83932B Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83932B
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83932B Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button DP83932B Datasheet HTML 82Page - National Semiconductor (TI) DP83932B Datasheet HTML 83Page - National Semiconductor (TI) DP83932B Datasheet HTML 84Page - National Semiconductor (TI) DP83932B Datasheet HTML 85Page - National Semiconductor (TI) DP83932B Datasheet HTML 86Page - National Semiconductor (TI) DP83932B Datasheet HTML 87Page - National Semiconductor (TI) DP83932B Datasheet HTML 88Page - National Semiconductor (TI) DP83932B Datasheet HTML 89Page - National Semiconductor (TI) DP83932B Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 96 page
background image
70 AC and DC Specifications (Continued)
REGISTER READ BMODE e 0
(Note 1)
TLF11722 – 73
Number
Parameter
20 MHz
Units
Min
Max
T56
CS Asynch Setup to BSCK (Note 4)
12
ns
T60
MREQ or CS to SMACK Low (Notes 3 5 8)
15
bcyc
55
T62
SAS Assertion before CS (Note 6)
0
ns
T62a
SAS Deassertion after CS (Notes 3 6)
1
bcyc
T63
Register Address Setup to SAS
10
ns
T64
Register Address Hold Time from SAS
10
ns
T65
SAS Pulse Width (Note 3)
bcyc b 10
ns
T68
SWR (Read) Hold from SAS
8ns
T72
SMACK to RDYo Low (Notes 3 8)
25
bcyc
T73
SWR (Read) Setup to SAS
0ns
T75
BSCK to RDYo Low
35
ns
T76
SAS or CS to RDYo High (Note 2)
30
ns
T79
SAS or CS to SMACK High (Note 2)
30
ns
T81
BSCK to SMACK Low
25
ns
T82
BSCK to Register Data Valid
83
ns
T85
SAS or CS to Data TRI-STATE (Notes 2 7)
60
ns
T85a
Min CS Deassert Time (Note 3)
1
bcyc
Note 1
This figure shows a slave access to the SONIC-16 when the SONIC-16 is idle or rather not in master mode If the SONIC-16 is a bus master there will be
some differences as noted in the Memory ArbitrationSlave Access diagram The BSCK states (T1 T2 etc) are the equivalent processor states during a slave
access
Note 2
If CS is deasserted before the falling edge of SAS T76 T79 and T85 are referenced from the rising edge of CS
Note 3
bcyc e bus clock cycle time (T3)
Note 4
It is not necessary to meet the setup time for CS since this signal is asynchronously sampled Meeting the setup time for this signal however makes it
possible to use T60 to determine exactly when SMACK will be asserted
Note 5
The smaller value for T60 refers to when the SONIC-16 is accessed during an Idle condition and the other value refers to when the SONIC-16 is accessed
during non-idle conditions These values are not tested but are guaranteed by design This specification assumes that CS is asserted
bus clock before the
falling edge that CS is asynchronously clocked in on (see T56) If T56 is met for CS then SMACK will be asserted exactly 1 bus clock when the SONIC-16 was idle
or 5 bus clocks when the SONIC-16 was in master mode after the edge that T56 refers to (This is assuming that there were no wait states in the current master
mode access Wait states will increase the time for SMACK to go low by the number of wait states in the cycle)
Note 6
SAS may be asserted low anytime before or simultaneous to the falling edge of CS It is suggested that SAS be driven high no later than CS If necessary
however SAS may be driven up to 1 BSCK after CS
Note 7
This timing value includes an RC delay inherent in the test measurement These signals typically TRI-STATE 7 ns eariler enabling other devices to drive
these lines without contention
Note 8
These values are not tested but are guaranteed by design They are provided as a design guideline only
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com