Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 30Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 31Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
60 SONIC-T Registers (Continued)
TLF12597 – 26
FIGURE 6-1 CAM Organization
the SONIC-T is in software reset The CDA resides in the
same 64k byte block of memory as the Receive Resource
Area (RRA) and contains descriptors for loading the CAM
registers These descriptors are contiguous and each de-
scriptor consists of four 16-bit fields
(Figure 6-2) In 32-bit
mode the upper word Dk3116l is not used The first field
contains the value to be loaded into the CAM Entry Pointer
and the remaining fields are for the three CAM Address
Ports (see Section 6410) In addition there is one more
field after the last descriptor containing the mask for the
CAM Enable register Each of the CAM descriptors are ad-
dressed by the CAM Descriptor Pointer (CDP) register
After the system has initialized the CDA it can issue the
Load CAM command to program the SONIC-T to read the
CDA and load the CAM The procedure for issuing the Load
CAM command is as follows
1 Initialize the Upper Receive Resource Address (URRA)
register Note that the CAM Descriptor Area must reside
within the same 64k page as the Receive Resource Area
(See Section 649)
2 Initialize the CDA as described above
3 Initialize the CAM Descriptor Count with the number of
CAM descriptors Note only the lower 5 bits are used in
this register The other bits are don’t cares (See Section
6410)
4 Initialize the CAM Descriptor Pointer to locate the first
descriptor in the CDA This register must be reloaded
each time a new Load CAM command is issued
5 Issue the Load CAM command (LCAM) in the Command
register (See Section 641)
If a transmission or reception is in progress the CAM DMA
function will not occur until these operations are complete
When the SONIC-T completes the Load CAM command
the CDP register points to the next location after the CAM
enable field and the CDC equals zero The SONIC-T resets
the LCAM bit in the Command register and sets the Load
CAM Done (LCD) bit in the ISR
TLF12597 – 27
FIGURE 6-2 CAM Descriptor Area Format
http
www nationalcom
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com