Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 40Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
60 SONIC-T Registers (Continued)
63 STATUSCONTROL REGISTERS
This set of registers is used to convey statuscontrol infor-
mation tofrom the host system and to control the operation
of the SONIC-T These registers are used for loading com-
mands generated from the system indicating transmit and
receive status buffering data tofrom memory and provid-
ing interrupt control The registers are selected by asserting
chip select to the SONIC-T and providing the necessary ad-
dress on register address pins RA5 – RA0 Tables 6-1 6-2
and 6-3 show the locations of all SONIC-T registers and
where information on the registers can be found in the data
sheet
TABLE 6-1 User Registers
RA5 – RA0
Access
Register
Symbol
Description
(section)
COMMAND AND STATUS REGISTERS
00h
RW
Command
CR
641
01 (Note 3)
RW
Data Configuration
DCR
642
02
RW
Receive Control
RCR
643
03
RW
Transmit Control
TCR
644
04
RW
Interrupt Mask
IMR
645
05
RW
Interrupt Status
ISR
646
3F (Note 3)
RW
Data Configuration 2
DCR2
647
TRANSMIT REGISTERS
06
RW
Upper Transmit Descriptor Address
UTDA
648 5441
07
RW
Current Transmit Descriptor Address
CTDA
648 553
RECEIVE REGISTERS
0D
RW
Upper Receive Descriptor Address
URDA
649 5441
0E
RW
Current Receive Descriptor Address
CRDA
649 5443
13
RW
End of Buffer Word Count
EOBC
649 542
14
RW
Upper Receive Resource Address
URRA
649 5441
15
RW
Resource Start Address
RSA
649 541
16
RW
Resource End Address
REA
649 541
17
RW
Resource Read Pointer
RRP
649 541
18
RW
Resource Write Pointer
RWP
649 541
2B
RW
Receive Sequence Counter
RSC
649 5432
CAM REGISTERS
21
RW
CAM Entry Pointer
CEP
61 6410
22 (Note 1)
R
CAM Address Port 2
CAP2
61 6410
23 (Note 1)
R
CAM Address Port 1
CAP1
61 6410
24 (Note 1)
R
CAM Address Port 0
CAP0
61 6410
25 (Note 2)
RW
CAM Enable
CE
61 6410
26
RW
CAM Descriptor Pointer
CDP
61 6410
27
RW
CAM Descriptor Count
CDC
61 6410
TALLY COUNTERS
2C (Note 4)
RW
CRC Error Tally
CRCT
6411
2D (Note 4)
RW
FAE Tally
FAET
6411
2E (Note 4)
RW
Missed Packet Tally
MPT
6411
http
www nationalcom
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com