Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 32Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 33Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 34Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 35Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 36Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 37Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 38Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 39Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
60 SONIC-T Registers (Continued)
RAk50l
15
0
Control Registers
Status and
0h Command Register
Status and Control Fields
1
Data Configuration Register
Control Fields
2
Receive Control Register
Status and Control Fields
3
Transmit Control Register
Status and Control Fields
4
Interrupt Mask Register
Mask Fields
$ 5 InterruptStatusRegister
Status Fields
Registers
Transmit
3F Data Configuration Register 2
Control Fields
6
Upper Transmit Descriptor Address Register
Upper 16-bit Address Base
)
7
Current Transmit Descriptor Address Register Lower 16-bit Address Offset
0D Upper Receive Descriptor Address Register
Upper 16-bit Address Base
0E Current Receive Descriptor Address Register Lower 16-bit Address Offset
14 Upper Receive Resource Address Register
Upper 16-bit Address Base
Receive
15 Resource Start Address Register
Lower 16-bit Address Offset
Registers
16 Resource End Address Register
Lower 16-bit Address Offset
17 Resource Read Register
Lower 16-Bit Address Offset
18 Resource Write Register
Lower 16-bit Address Offset
$
2B Receive Sequence Counter
Count Value
8 7
Count Value
21 CAM Entry Pointer
4
22 CAM Address Port 2
Most Significant 16 bits of CAM Entry
23 CAM Address Port 1
Middle 16 bits of CAM Entry
Registers
CAM
24 CAM Address Port 0
Least Significant 16 bits of CAM Entry
25 CAM Enable Register
Mask Fields
26 CAM Descriptor Pointer
Lower 16-bit Address Offset
5
$
27 CAM Descriptor Count
Count Value
Counters
Tally
2C DRC Error Tally Counter
Count Value
2D Frame Alignment Error Tally
Count Value
)
2E Missed Packet Tally
Count Value
Watchdog
Timer
29 Watchdog Timer 0
Lower 16-bit Count Value
2A Watchdog Timer 1
Upper 16-bit Count Value
28 Silicon Revision Register
Chip Revision Number
FIGURE 6-3 SONIC-T Register Programming Model
http
www nationalcom
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com