Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 60Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 61Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
70 Bus Interface (Continued)
731 Acquiring The Bus
The SONIC-T requests the bus when 1) its FIFO threshold
has been reached or 2) when the descriptor areas in memo-
ry (ie RRA RDA CDA and TDA) are accessed Note that
when the SONIC-T moves from one area in memory to an-
other (eg RBA to RDA) it always deasserts its bus request
and then requests the bus again when accessing the next
area in memory
The SONIC-T provides two methods to acquire the bus for
compatibility with NationalIntel or Motorola type microproc-
essors These two methods are selected by setting the
proper level on the BMODE pin
Figures 7-3 and 7-4 show the NationalIntel (BMODE e 0)
and Motorola (BMODE e 1) bus request timing Descrip-
tions of each mode follows For both modes when the
SONIC-T relinquishes the bus there is an extra holding
state (Th) for one bus cycle after the last DMA cycle (T2)
This assures that the SONIC-T does not contend with an-
other bus master after it has released the bus
BMODE e 0
The NationalIntel processors require a 2-way handshake
using a HOLD REQUESTHOLD ACKNOWLEDGE protocol
(Figure 7-3) When the SONIC-T needs to access the bus it
issues a HOLD REQUEST (HOLD) to the microprocessor
The microprocessor responds with a HOLD ACKNOWL-
EDGE (HLDA) to the SONIC-T The SONIC-T then begins
its memory transfers on the bus As long as the CPU main-
tains HLDA active the SONIC-T continues until it has fin-
ished its memory block transfer The CPU however can
preempt the SONIC-T from finishing the block transfer by
deasserting HLDA before the SONIC-T deasserts HOLD
This allows a higher priority device to preempt the SONIC-T
from continuing to use the bus The SONIC-T will request
the bus again later to complete any operation that it was
doing at the time of preemption The HLDA signal is sam-
pled synchronously by the SONIC-T at the rising edge of the
BSCK setup time must be met to ensure proper operation
As shown in
Figure 7-3 the SONIC-T will assert HOLD to
either the falling or rising edge of the bus clock (BSCK) The
default is for HOLD to be asserted on the falling edge Set-
ting the PH bit in the DCR2 (see Section 647) causes
HOLD to be asserted
bus clock later on the rising edge
(shown by the dotted line) Before HOLD is asserted the
SONIC-T checks the HLDA line If HLDA is asserted HOLD
will not be asserted until after HLDA has been deasserted
first
Note
If HLDA is driven low to preempt the SONIC-T from the bus while the
SONIC-T is accessing the CAM (LCAM command) the SONIC-T will
get off the bus but will not deassert HOLD even though the status bit
will indicate idle state If HLDA is driven low while the SONIC-T is
accessing descriptor areas (RRA RDA TDA) the SONIC-T will be
preempted normally (ie get off the bus and deassert HOLD) and the
HOLD signal will be reasserted again after one bus clock If HLDA is
driven low while the SONIC-T is accessing data areas (RBA TBA)
the SONIC-T will be preempted normally but may not reassert HOLD
unless required to do so depending on the threshold condition of the
FIFO
BMODE e 1
The Motorola protocol requires a 3-way handshake using a
BUS REQUEST
BUS GRANT
and BUS GRANT AC-
KNOWLEDGE handshake
(Figure 7-4) When using this pro-
tocol the SONIC-T requests the bus by lowering BUS RE-
QUEST BR The CPU responds by issuing BUS GRANT BG
Upon receiving BG the SONIC-T assures that all devices
have relinquished control of the bus before using the bus
The following signals must be deasserted before the SON-
IC-T acquires the bus
BGACK
AS
DSACK01
STERM (Asynchronous Mode Only)
Deasserting BGACK indicates that the previous master has
released the bus Deasserting AS indicates that the previ-
ous master has completed its cycle and deasserting
DSACK01 and STERM indicates that the previous slave
has terminated its connection to the previous master The
SONIC-T maintains its mastership of the bus until it deas-
serts BGACK It can not be preempted from the bus
TLF12597 – 30
FIGURE 7-3 Bus Request Timing (BMODE e 0)
http
www nationalcom
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com