Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 84Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 85Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 86Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 87Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 88Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 89Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 90Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 91Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
90 AC and DC Specifications (Continued)
BUS REQUEST TIMING BMODE e 0
TLF12597 – 68
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T43
BSCK to HOLD High (Note 2)
18
16
14
ns
T44
BSCK to HOLD Low (Note 2)
19
17
15
ns
T45
HLDA Asynchronous Setup Time to BSCK (Note 5)
7
6
5
ns
T46
HLDA Synchronous Deassert Setup Time
765
ns
(Note 1)
T51
BSCK to Address ADS MWR DS ECS
37
35
33
ns
USRk10l and EXUSRk30lTRI-STATE (Note 4)
T52
BSCK to Data TRI-STATE
39
37
30
ns
T53
BSCK to USRk10l or EXUSRk30l Valid
34
32
30
ns
T55
BSCK to Bus Status Valid
29
27
25
ns
T55b
Sk20l Hold from BSCK
3
3
3
ns
Note 1
A block transfer by the SONIC-T can be pre-empted from the bus by deasserting HLDA provided HLDA is asserted T46 before the rising edge of the last T2
in the current access
Note 2
The assertion edge for HOLD is dependent upon the PH bit in the DCR2 The default situation is shown wih a solid line in the timing diagram T43 and T44
apply for both modes Also if HLDA is asserted when the SONIC-T wants to acquire the bus HOLD will not be asserted until HLDA has been deasserted first
Note 3
Sk20l will indicate IDLE at the end of T2 if the last operation is a read operation or at the end of Th if the last operation is a write operation
Note 4
This timing value includes an RC delay inherent in the test measurement These signals typically TRI-STATE 7 ns earlier enabling other devices to drive
these lines without contention
Note 5
The HLDA signal is sampled by the SONIC-T on each rising edge of BSCK The maximum set-up time is ((BSCK
periodbT45
min
spec)b5 ns) HDLA
max set-up time is for information only and is not tested
http
www nationalcom
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com