Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 51Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 52Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 53Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 54Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 55Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 56Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 57Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
60 SONIC-T Registers (Continued)
6412 General Purpose Timer
The SONIC-T contains a 32-bit general-purpose Watchdog
Timer for timing user-definable events
(Figure 6-14) This
timer is accessed by the user through two 16-bit readwrite
registers (WT1 and WT0) The lower count value is pro-
grammed through the WT0 register and the upper count
value is programmed through the WT1 register
These two registers are concatenated together to form the
complete 32-bit timer This timer clocked at
the Transmit
Clock (TXC) frequency counts down from its programmed
value and generates an interrupt if it is enabled Interrupt
Mask register when it rolls over from 0000 0000h to FFFF
FFFFh When the counter rolls over it continues decrement-
ing unless explicitly stopped (setting the STP bit) The timer
is controlled by the ST (Start Timer) and STP (Stop Timer)
bits in the Command register A hardware or software reset
halts but does not clear the General Purpose timer
31
16
15
0
WT1 (Upper Count Value)
WT0 (Lower Count Value)
FIGURE 6-14 Watchdog Timer Register
6413 Silicon Revision Register
This is a 16-bit read only register It contains information on
the current revision of the SONIC-T The DP83936AVUL re-
vision register is 0201h
70 Bus Interface
SONIC-T features a high speed non-multiplexed address
and data bus designed for a wide range of system environ-
ments The data bus can be programmed (via the Data Con-
figuration Register) to a width of either 32- or 16-bits
SONIC-T contains an on-chip DMA and supplies all the nec-
essary signals for DMA operation With 31 address lines
SONIC-T can access a full 2 G-word address space To
accommodate different memory speeds wait states can be
added to the bus cycle by two methods The memory sub-
system can add wait states by simply withholding the appro-
priate handshake signals or the SONIC-T can be pro-
grammed (via the Data Configuration Register) to add wait
states
The SONIC-T is designed to interface to both the National
Intel and Motorola style buses To facilitate minimum chip
count designs and complete bus compatibility the user can
program the SONIC-T for the following bus modes
NationalIntel bus operating in synchronous mode
NationalIntel bus operating in asynchronous mode
Motorola bus operating in synchronous mode
Motorola bus operating in asynchronous mode
The Bus Mode pin (BMODE) along with the SBUS bit in the
Data Configuration Register are used to select the bus
mode
This section illustrates some SONIC-T system interface ex-
amples and describes the various SONIC-T bus operations
71 PIN CONFIGURATIONS
There are two user selectable pin configurations for
SONIC-T to provide the proper interface signals for either
the NationalIntel or Motorola style buses The state of the
BMODE pin is used to define the pin configuration Section
10 shows the pin configurations for both NationalIntel
Mode (BMODE e 0 tied to ground) and Motorola Mode
(BMODE e 1 tied to VCC)
72 SYSTEM CONFIGURATION
Any device that meets the SONIC-T interface protocol and
electrical requirements (timing threshold and loading) can
be interfaced to SONIC-T Since two bus protocols are pro-
vided via the BMODE pin the SONIC-T can interface di-
rectly to most microprocessors
Figure 7-1 shows a typical
interface to the NationalIntel style bus (BMODE e 0) and
Figure 7-2 shows a typical interface to the Motorola style
bus (BMODE e 1)
The BMODE pin also controls byte ordering
When
BMODE e 1 big endian byte ordering is selected and when
BMODE e 0 little endian byte ordering is selected
73 BUS OPERATIONS
There are two types of system bus operations 1) SONIC-T
as a slave and 2) SONIC-T as a bus master When
SONIC-T is a slave (eg a CPU accessing SONIC-T regis-
ters) all transfers are non-DMA When SONIC-T is a bus
master (eg SONIC-T accessing receive or transmit buffer
descriptor areas) all transfers are block transfers using
SONIC-T’s on-chip DMA
This section describes the
SONIC-T bus operations Pay special attention to all sec-
tions labeled as ‘‘Note’’ These conditions must be met for
proper bus operation
http
www nationalcom
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com