Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 66Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 67Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 68Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 69Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 70Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 71Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 72Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 73Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 104 page
background image
70 Bus Interface (Continued)
7372 Slave Cycle for BMODE e 0
The system accesses the SONIC-T by driving SAS CS
SWR and RAk50l These signals will be sampled each
bus cycle but the SONIC-T will not actually start a slave
cycle until CS has been sampled low and SAS has been
sampled high CS should not be asserted low before the
falling edge of SAS as this will cause improper slave opera-
tion CS may be asserted low however before the rising
edge of SAS In this case it is suggested that SAS be driven
high within one bus clock after the falling edge of CS Be-
tween one and two bus clocks after the assertion of CS
once SAS has been driven high SMACK will be driven low
to signify that the SONIC-T has started the slave cycle Al-
though CS is an asynchronous input meeting its setup time
(as shown in
Figures 7-21 and 7-22 ) will guarantee that
SMACK which is asserted off a falling edge will be assert-
ed 1 bus clock after the falling edge that CS was clocked in
on This is assuming that the SONIC-T is not a bus master
when CS is asserted If the SONIC-T is a bus master then
when CS is asserted the SONIC-T will complete its current
master bus cycle and get off the bus temporarily (see Sec-
tion 738) In this case SMACK will be asserted 5 bus
clocks after the falling edge that CS was clocked in on This
is assuming that there were no wait states in the current
master mode access Wait states will increase the time for
SMACK to go low by the number of wait states in the cycle
If the slave access is a read cycle
(Figure 7-21) then the
data will be driven off the same edge as SMACK Ifitisa
write cycle
(Figure 7-22) then the data will be latched in
exactly 2 bus clocks after the assertion of SMACK In either
case RDYo is driven low 25 bus clocks after SMACK to
terminate the slave cycle For a read cycle the assertion of
RDYo indicates valid register data and for a write cycle the
assertion indicates that the SONIC-T has latched the data
The SONIC-T deasserts RDYi SMACK and the data if the
cycle is a read cycle at the falling edge of SAS or the rising
edge of CS depending on which is first
Note 1
The SONIC-T transfers data only on lines Dk150l during slave
mode accesses
Note 2
For multiple register accesses CS can be held low and SAS can be
used to delimit the slave cycle (this is the only case where CS may
be asserted before SAS) In this case SMACK will be driven low
due to SAS going high since CS has already been asserted Notice
that this means SMACK will not stay asserted low during the entire
time CS is low (as is the case for MREQ Section 738)
Note 3
If memory request (MREQ) follows a chip select CS it must be
asserted at least 2 bus clocks after CS is deasserted Both CS and
MREQ must not be asserted concurrently
Note 4
When CS is deasserted it must remain deasserted for at least one
bus clock
Note 5
The way in which SMACK is asserted due to CS is not the same as
the way in which SMACK is asserted due to MREQ The assertion of
SMACK is dependent upon both CS and SAS being low not just CS
This is not the same as the case for MREQ (see Section 738) The
assertion of SMACK in these two cases should not be confused
TLF12597 – 48
FIGURE 7-21 Register Read BMODE e 0
http
www nationalcom
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com