Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 93Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 94Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 95Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 96Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 97Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 98Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 99Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 100Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 104 page
background image
90 AC and DC Specifications (Continued)
ENDEC TRANSMIT TIMING
TLF12597 – 76
Number
Parameter
Min
Max
Units
T87
Transmit Clock High Time (Note 1)
40
ns
T88
Transmit Clock Low Time (Note 1)
40
ns
T89
Transmit Clock Cycle Time (Note 1)
9999
10001
ns
T95
Transmit Output Delay (Note 1)
55
ns
T96
Transmit Output Fall Time (80% to 20% Note 1)
7
ns
T97
Transmit Output Rise Time (20% to 80% Note 1)
7
ns
T98
Transmit Output Jitter (Not Shown)
05 Typ
ns
T100
Transmit Output High before Idle (Half Step)
200
ns
T101
Transmit Output Idle Time (Half Step)
8000
ns
Note 1
This specification is provided for information only and is not tested
http
www nationalcom
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com