Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 90 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 90 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 86Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 87Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 88Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 89Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 90Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 91Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 92Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 93Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 94Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
90 AC and DC Specifications (Continued)
BUS RETRY
TLF12597 – 70
Number
Parameter
20 MHz
25 MHz
33 MHz
Units
Min
Max
Min
Max
Min
Max
T41
Bus Retry Synchronous Setup Time to BSCK
543
ns
(Note 3)
T41a
Bus Retry Asynchronous Setup Time
654
ns
to BSCK (Note 3)
T42
Bus Retry Hold Time from BSCK (Note 2)
7
6
5
ns
Note 1
Depending upon the mode the SONIC-T will assert and deassert HOLD from the rising or falling edge of BSCK
Note 2
Unless Latched Bus Retry mode is set (LBR in the Data Configuration Register Section 432) BRT must remain asserted until after the Th state If
Latched Bus Retry mode is used BRT does not need to satisfy T42
Note 3
T41 is for synchronous bus retry and T41a is for asynchronous bus retry (see Section 432 bit 15 Extended Bus Mode) Since T41a is an asynchronous
setup time it is not necessary to meet it but doing so will guarantee that the bus exception occurs in the current memory transfer not the next
http
www nationalcom
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com