Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 58Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 59Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 60Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 61Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 62Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 63Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 64Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 65Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 104 page
background image
70 Bus Interface (Continued)
TLF12597 – 34
FIGURE 7-7 Memory Write BMODE e 1 Synchronous (1 Wait-State)
7353 Memory Cycle for BMODE e 1
Asynchronous Mode
On the rising edge of T1 the SONIC-T asserts ECS to indi-
cate that the memory cycle is starting The address (A31 –
A1) bus status (S2 – S0) and the direction strobe (MRW) are
driven and do not change for the remainder of the memory
cycle On the falling edge of T1 the SONIC-T deasserts
ECS and asserts AS
In asynchronous mode
DSACK01 are asynchronously
sampled on the falling edge of both T1 and T2 DSACK01
do not need to be synchronized to the bus clock because
the chip always resolves these signals to either a high or
low state If a synchronous termination of the bus cycle is
required however STERM may be used STERM is sam-
pled on the rising edge of T2 and must meet the setup and
hold times with respect to that edge for proper operation
Meeting the setup time for DSACK01 or STERM guaran-
tees that the SONIC-T will terminate the memory cycle 15
bus clocks after DSACK01 were sampled or 1 cycle after
STERM was sampled T2 states will be repeated until
DSACK01 or STERM are sampled properly in a low state
(see note below)
During read cycles (
Figures 7-8 and 7-9 ) data (D31 – D0) is
latched at the falling edge of T2 and DS is asserted at the
falling edge of T1 For write cycles (
Figures 7-10 and 7-11 )
data is driven on the falling edge of T1 If there are wait
states inserted DS is asserted on the falling edge of the first
T2 (wait) DS is not asserted for zero wait state write cycles
The SONIC-T terminates the memory cycle by deasserting
AS and DS at the falling edge of T2
Note
If the setup time for DSACK01 is met during T1 or the setup time for
STERM is met during the first T2 the full asynchronous bus cycle will
take only 2 bus clocks This may be an unwanted situation If so
DSACK01 and STERM should normally be deasserted during T1 and
the start of T2 respectively
http
www nationalcom
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com