Electronic Components Datasheet Search
  English  ▼

X  

DP83936AVF Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83936AVF
Description  Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83936AVF Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button DP83936AVF Datasheet HTML 96Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 97Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 98Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 99Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 100Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 101Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 102Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 103Page - National Semiconductor (TI) DP83936AVF Datasheet HTML 104Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
100 AC Timing Test Conditions
All specifications are valid only if the mandatory isolation is
employed and all differential signals are taken to be at the
AUI side of the pulse transformer
Input Pulse Levels (TTLCMOS)
GND to 30V
Input Rise and Fall Times (TTLCMOS)
5 ns
Input and Output Reference
Levels (TTLCMOS)
15V
Input Pulse Levels (Diff)
b
350 mV to b1315 mV
Input and Output
50% Point of
Reference Levels (Diff)
the Differential
TRI-STATE Reference Levels
Float (DV) g05V
OUTPUT LOAD
(See Figure below)
TLF12597 – 86
Note 1
50 pF includes scope and jig capacitance
Note 2
S1 e Open for timing test for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and active low to High
Impedance measurements
S1 e GND for High Impedance to active high and active High to
High Impedance measurements
Pin Capacitance TA e 25 C f e 1 MHz
Symbol
Parameter
Typ
Units
CIN
Input Capacitance
7
pF
COUT
Output Capacitance
7
pF
DERATING FACTOR
Output timing is measured with a purely capacitive load of
50 pF The following correction factor can be used for other
loads CL t 50 pF e 005 nspF
AUI Transmit Test Load
TLF12597 – 87
Note
In the above diagram the TXa and TXb signals are taken from the
AUI side of the isolation (pulse transformer) The pulse transformer
used for all testing is a 100 mH g01% Pulse Engineering PE64103
http
www nationalcom
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com