Electronic Components Datasheet Search
  English  ▼

X  

DP83950B Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 24Page - National Semiconductor (TI) DP83950B Datasheet HTML 25Page - National Semiconductor (TI) DP83950B Datasheet HTML 26Page - National Semiconductor (TI) DP83950B Datasheet HTML 27Page - National Semiconductor (TI) DP83950B Datasheet HTML 28Page - National Semiconductor (TI) DP83950B Datasheet HTML 29Page - National Semiconductor (TI) DP83950B Datasheet HTML 30Page - National Semiconductor (TI) DP83950B Datasheet HTML 31Page - National Semiconductor (TI) DP83950B Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
50 Functional Description (Continued)
The second method of
PORT N or M identification avoids
this problem This second technique relies on an external
parallel arbiter which monitors all of the RIC’s ACKO signals
and responds to the RIC with the highest priority In this
scheme each RIC is assigned with a priority level One
method of doing this is to assign a priority number which
reflects the position of a RIC board on the repeater back-
plane ie its slot number When a RIC experiences receive
activity and the repeater system is in the
IDLE state the RIC
board will assert ACKO External arbitration logic drives the
identification number onto an arbitration bus and the RIC
containing
PORT N will be identified An identical procedure
is used in the
TRANSMIT COLLISION state to identify
PORT M This parallel means of arbitration is not subject to
the problems caused by missing boards ie empty slots in
the backplane The logic associated with asserting this arbi-
tration vector in the various packet repetition scenarios
could be implemented in programmable logic type devices
To perform
PORT N or M arbitration both of the above
methods employ the same signals ACKI ACKO and ACTN
The Inter-RIC bus allows multi-RIC operations to be per-
formed in exactly the same manner as if there is only a
single RIC in the system The simplest way to describe the
operation of Inter-RIC bus is to see how it is used in a num-
ber of common packet repetition scenarios Throughout this
description the RICs are presumed to be operating in exter-
nal transceiver mode This is advantageous for the explana-
tion since the receive transmit and collision signals from
each network segment are observable In internal transceiv-
er mode this is not the case since the collision signal for the
non-AUI ports is derived by the transceivers inside the RIC
53 EXAMPLES OF PACKET REPETITION SCENARIOS
Data Repetition
The simplest packet operation performed over the Inter-RIC
Bus is data repetition In this operation a data packet is
received at one port and transmitted to all other segments
The first task to be performed is
PORT N identification This
is an arbitration process performed by the Port State Ma-
chines in the system In situations where two or more ports
simultaneously receive packets the Inter-RIC bus operates
by choosing one of the active ports and forcing the others to
transmit data This is done to faithfully follow the IEEE spec-
ification’s allowed exit paths from the
IDLE state ie to the
SEND PREAMBLE PATTERN or RECEIVE COLLISION
states
The packet begins with a preamble pattern derived from the
RIC’s on chip jampreamble generator The data received
at
PORT N is directed through the receive multiplexor to the
PLL decoder Once phase lock has been achieved the de-
coded data in NRZ format with its associated clock and
enable signals are asserted onto the IRD IRE and IRC Inter-
RIC bus lines This serial data stream is received from the
bus by all RICs in the repeater and directed to their Elasticity
Buffers Logic circuits monitor the data stream and look for
the Start of Frame Delimiter (SFD) When this has been
detected data is loaded into the elasticity buffer for later
transmission This will occur when sufficient preamble has
been transmitted and certain internal state machine opera-
tions have been fulfilled
Figure 54 shows two RICs A and B daisy chained together
with RIC A positioned at the top of the chain A packet is
received at port B1 of RIC B and is then repeated by the
other ports in the system
Figure 55 shows the functional
timing diagram for this packet repetition represented by the
signals shown in
Figure 54 In this example only two ports
in the system are shown obviously the other ports also re-
peat the packet It also indicates the operation of the RICs’
state machines in so far as can be seen by observing the
Inter-RIC bus For reference the repeater’s state transitions
are shown in terms of the states defined by the IEEE specifi-
cation The location ie which port it is of
PORT N is also
shown The following section describes the repeater and
Inter-RIC bus transitions shown in
Figure 55
The repeater is stimulated into activity by the data signal
received by port B1 The RICs in the system are alerted to
forthcoming repeater operation by the falling edges on the
ACKI ACKO daisy chain and the ACTN bus signal Following
a defined start up delay the repeater moves to the
SEND
PREAMBLE state The RIC system utilizes the start up de-
lay to perform port arbitration When packet transmission
begins the RIC system enter the REPEAT state
The expected for normal packet repetition sequence of re-
peater states
SEND PREAMBLE SEND SFD and SEND
DATA is followed but is not visible upon the Inter-RIC bus
They are merged together into a single REPEAT state This
is also true for the
WAIT and IDLE states they appear as a
combined Inter-RIC bus IDLE state
Once a repeat operation has begun ie the repeater leaves
the
IDLE state It is required to transmit at least 96 bits of
data or jampreamble onto its network segments If the du-
ration of the received signal from
PORT N is smaller than 96
bits the repeater transitions to the
RECEIVE COLLISION
state (described later) This behavior is known as fragment
extension
After the packet data has been repeated including the emp-
tying of the RICs’ elasticity buffers the RIC performs the
Tw1 transmit recovery operation This is performed during
the
WAIT state shown in the repeater state diagram
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com