| Electronic Components Datasheet Search |
|
DP83950B Datasheet(PDF) 64 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83950B Datasheet(HTML) 64 Page - National Semiconductor (TI) |
|
64 / 80 page ![]() 80 RIC Registers (Continued) Interrupt and Management Configuration Register (Page 0H Address 16H) This register powers up with all bits set to one and must be initialized by a processor write cycle before any events will generate interrupts D7 D6 D5 D4 D3 D2 D1 D0 IFC IHC ILC IFF IREC ICOL IPART MIFCON Bit RW Symbol Description D0 RW MIFCON MANAGEMENT INTERFACE CONFIGURATION 0 All Packets repeated are transmitted over the Management bus 1 Packets repeated by the RIC which do not have a Start of Frame Delimiters are not transmitted over the Management bus D1 RW IPART INTERRUPT ON PARTITION 0 Interrupts will be generated(1) if a port becomes Partitioned 1 No interrupts are generated by this condition D2 RW ICOL INTERRUPT ON COLLISION 0 Interrupts will be generated(1) if this RIC has a port which experiences a collision Single RIC applications or contains a port which experiences a receive collision or is the first port to suffer a transmit collision in a packet in Multi-RIC applications 1 No interrupts are generated by this condition D3 RW IREC INTERRUPT ON RECEIVE 0 Interrupts will be generated(1) if this RIC contains the receive port for packet or collision activity 1 No interrupts are generated by this condition D4 RW IFF INTERRUPT ON FLAG FOUND 0 Interrupts will be generated(2) if one or more than one of the flags in the flag array is true 1 No interrupts are generated by this condition D5 RW ILC INTERRUPT ON LOW COUNT 0 Interrupt generated(2) when one or more of the Event Counters holds a value less than 256 counts 1 No effect D6 RW IHC INTERRUPT ON HIGH COUNT 0 Interrupt generated(2) when one or more of the Event Counters holds a value in excess of 49152 counts 1 No effect D7 RW IFC INTERRUPT ON FULL COUNTER 0 Interrupt generated(2) when one or more of the Event Counters is full 1 No effect Note 1 (RTI pin goes active) Note 2 (ELI pin goes active) 64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |