Electronic Components Datasheet Search
  English  ▼

X  

DP83950B Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 56Page - National Semiconductor (TI) DP83950B Datasheet HTML 57Page - National Semiconductor (TI) DP83950B Datasheet HTML 58Page - National Semiconductor (TI) DP83950B Datasheet HTML 59Page - National Semiconductor (TI) DP83950B Datasheet HTML 60Page - National Semiconductor (TI) DP83950B Datasheet HTML 61Page - National Semiconductor (TI) DP83950B Datasheet HTML 62Page - National Semiconductor (TI) DP83950B Datasheet HTML 63Page - National Semiconductor (TI) DP83950B Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
80 RIC Registers (Continued)
Real Time Interrupt Register (Address 0FH)
The Real Time Interrupt register (RTI) contains information which may change on a packet by packet basis Any remaining
interrupts which have not been serviced before the following packet is transmitted are cleared Since multiple interrupt sources
may be displayed by the RTI a priority scheme is implemented A read cycle to the RTI gives the interrupt source and an address
vector indicating the RIC port which generated the interrupt The order of priority for the display of interrupt information is as
follows
1 The receive source of network activity (Port N)
2 The first RIC port showing collision
3 A port partitioned or reconnected
During the repetition of a single packet it is possible that multiple ports may be partitioned or alternatively reconnected The
ports have equal priority in displaying partitionreconnection information This data is derived from the ports by the RTI register
as it polls consecutively around the ports
Reading the RTI clears the particular interrupt If no interrupt sources are active the RTI returns a no valid interrupt status
D7
D6
D5
D4
D3
D2
D1
D0
IVCTR3
IVCTR2
IVCTR1
IVCTR0
ISRC3
ISRC2
ISRC1
ISRC0
Bit
RW
Symbol
Description
Access
D(30)
R
ISCR(30)
INTERRUPT SOURCE
These four bits indicate the reason why the interrupt was generated
D(74)
R
IVCTR(30)
INTERRUPT VECTOR
This field defines the port address responsible for generating the
interrupt
The following table shows the mapping of interrupt sources onto the D3 to D0 pins Essentially each of the three interrupt
sources has a dedicated bit in this field If a read to the RTI produces a low logic level on one of these bits then the interrupt
source may be directly decoded Associated with the source of the interrupt is the port where the event is occurring If no
unmasked events (receive collision etc) have occurred when the RTI is read then an all ones pattern is driven by the RIC onto
the data pins
D7
D6
D5
D4
D3
D2
D1
D0
Comments
PA3
PA2
PA1
PA0
1
1
0
1
First Collision
PA(30) e Collision Port Address
PA3
PA2
PA1
PA0
1
0
1
1
Receive
PA(30) e Receive Port Address
PA3
PA2
PA1
PA0
0
1
1
1
Partition Reconnection
PA(30) e Partition Port Address
1
1
1
1
1
1
1
1
No Valid Interrupt
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com