Electronic Components Datasheet Search
  English  ▼

X  

DP83950B Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 70Page - National Semiconductor (TI) DP83950B Datasheet HTML 71Page - National Semiconductor (TI) DP83950B Datasheet HTML 72Page - National Semiconductor (TI) DP83950B Datasheet HTML 73Page - National Semiconductor (TI) DP83950B Datasheet HTML 74Page - National Semiconductor (TI) DP83950B Datasheet HTML 75Page - National Semiconductor (TI) DP83950B Datasheet HTML 76Page - National Semiconductor (TI) DP83950B Datasheet HTML 77Page - National Semiconductor (TI) DP83950B Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
90 AC and DC Specifications (Continued)
INTER RIC BUS INPUT TIMING
TLF11096 – 40
Number
Symbol
Parameter
Min
Max
Units
T111
ircih
IRC Input High Time
20
ns
T112
ircil
IRC Input Low Time
20
ns
T114
irdisirc
IRD Input Setup to IRC
5
ns
T115
irdihirc
IRD Input Hold from IRC
10
ns
T116
irchiire
IRC Input High to IRE Inactive
10
90
ns
Note
In these diagrams the Inter-RIC and Management Busses are shown using active high signals active low signals may also be used See Section 55 Mode
Load Operation
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com