Electronic Components Datasheet Search
  English  ▼

X  

DP83950B Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 61Page - National Semiconductor (TI) DP83950B Datasheet HTML 62Page - National Semiconductor (TI) DP83950B Datasheet HTML 63Page - National Semiconductor (TI) DP83950B Datasheet HTML 64Page - National Semiconductor (TI) DP83950B Datasheet HTML 65Page - National Semiconductor (TI) DP83950B Datasheet HTML 66Page - National Semiconductor (TI) DP83950B Datasheet HTML 67Page - National Semiconductor (TI) DP83950B Datasheet HTML 68Page - National Semiconductor (TI) DP83950B Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
80 RIC Registers (Continued)
RIC Address Register (Page 0H Address 17H)
This register may be used to differentiate between RICs in a multi-RIC repeater system The contents of this register form part of
the information available through the management bus
D7
D6
D5
D4
D3
D2
D1
D0
A5
A4
A3
A2
A1
A0
res
res
Packet Compress Decode Register (Page 0H Address 18H)
This register is used to determine the number of bytes in the data field of a packet which are transferred over the management
bus when the packet compress option is employed The register bits perform the function of a direct binary decode Thus up to
255 bytes of data may be transferred over the management bus if packet compression is selected
D7
D6
D5
D4
D3
D2
D1
D0
PCD7
PCD6
PCD5
PCD4
PCD3
PCD2
PCD1
PCD0
Inter Frame Gap Threshold Select Register (Page 0H Address 1FH)
This register is used to configure the hub management interface to provide a certain minimum inter frame gap between packets
transmitted over the management bus The value written to this register plus one is the magnitude in bit times of the minimum
IFG allowed on the management bus
D7
D6
D5
D4
D3
D2
D1
D0
IFGT7
IFGT6
IFGT5
IFGT4
IFGT3
IFGT2
IFGT1
IFGT0
Port Event Record Registers (Page 1H Address 11H to 1DH)
These registers hold the recorded events for the specified RIC port The flags are cleared when the register is read
D7
D6
D5
D4
D3
D2
D1
D0
BDLNK
PART
OWC
SE
NSFD
PLER
ELBER
JAB
Bit
RW
Symbol
Description
D0
R
JAB
JABBER
A Jabber Protect event has occurred
D1
R
ELBER
ELASTICITY BUFFER ERROR
A Elasticity Buffer Error has occurred
D2
R
PLER
PHASE LOCK ERROR
A Phase Lock Error event has occurred
D3
R
NSFD
NON SFD
A Non SFD packet event has occurred
D4
R
SE
SHORT EVENT
A Short event has occurred
D5
R
OWC
OUT OF WINDOW COLLISION
An out of window collision event has occurred
D6
R
PART
PARTITION
A partition event has occurred
D7
R
BDLNK
BAD LINK
A link failure event has occurred
Port Event Count Register (Pages 2H and 3H)
The Event Count (EC) register shows the instantaneous value of the specified port’s 16-bit counter The counter increments
when an enabled event occurs The counter may be cleared when it is read and prevented from rolling over when the maximum
count is reached by setting the appropriate control bits in the Upper Event Count mask register Since the RIC’s processor port
is octal and the counters are 16 bits long a temporary holding register is employed for register reads When one of the counters
is read either high or low byte first all 16 bits of the counter are transferred to a holding register Provided the next read cycle to
the counter array accesses the same counter’s other byte then the read cycle accesses the holding register This avoids the
problem of events occurring in between the two processor reads and indicating a false count value In order to enter a new value
to the holding register a different counter must be accessed or the same counter byte must be re-read
Lower Byte
D7
D6
D5
D4
D3
D2
D1
D0
EC7
EC6
EC5
EC4
EC3
EC2
EC1
EC0
Upper Byte
D7
D6
D5
D4
D3
D2
D1
D0
EC15
EC14
EC13
EC12
EC11
EC10
EC9
EC8
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com