Electronic Components Datasheet Search
  English  ▼

X  

DP83950B Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 62Page - National Semiconductor (TI) DP83950B Datasheet HTML 63Page - National Semiconductor (TI) DP83950B Datasheet HTML 64Page - National Semiconductor (TI) DP83950B Datasheet HTML 65Page - National Semiconductor (TI) DP83950B Datasheet HTML 66Page - National Semiconductor (TI) DP83950B Datasheet HTML 67Page - National Semiconductor (TI) DP83950B Datasheet HTML 68Page - National Semiconductor (TI) DP83950B Datasheet HTML 69Page - National Semiconductor (TI) DP83950B Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
90 AC and DC Specifications
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
05V to 70V
DC Input Voltage (VIN)
b
05V to VCC a05V
DC Output Voltage (VOUT)
b
05V to VCC a05V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)2W
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
ESD Rating
(Rzap e 15k Czap e 120 pF)
1500V
DC Specifications TA e 0 Cto a70 C VCC e 5V g5% unless otherwise specified
PROCESSOR LED TWISTED PAIR PORTS INTER-RIC AND MANAGEMENT INTERFACES
Symbol
Description
Conditions
Min
Max
Units
VOH
Minimum High Level
IOH eb8 mA
35
V
Output Voltage
VOL
Minimum Low Level
IOL e 8 mA
04
V
Output Voltage
VIH
Minimum High Level
20
V
Input Voltage
VIL
Maximum Low Level
08
V
Input Voltage
IIN
Input Current
VIN e VCC or GND
b
10
10
m
A
IOZ
Maximum TRI-STATE Output
VOUT e VCC or
b
10
10
m
A
Leakage Current
GND
ICC
Average Supply Current
VIN e VCC or GND
380
mA
VCC e 525V
AUI (PORT 1)
VOD
Differential Output
78X Termination and
g
550
g
1200
mV
Voltage (TXg)
270X Pulldowns
VOB
Differential Output Voltage
78X Termination and
Typical 40 mV
Imbalance (TXg)
270X Pulldowns
VU
Undershoot Voltage (TXg)78X Termination and
Typical 80 mV
270X Pulldowns
VDS
Differential Squelch
b
175
b
300
mV
Threshold (RXg CDg)
VCM
Differential Input Common Mode
0
55
V
Voltage (RXg CDg) (Note 1)
Note 1
This parameter is guaranteed by design and is not tested
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com