Electronic Components Datasheet Search
  English  ▼

X  

DP83950B Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83950B
Description  RIC??Repeater Interface Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83950B Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83950B Datasheet HTML 69Page - National Semiconductor (TI) DP83950B Datasheet HTML 70Page - National Semiconductor (TI) DP83950B Datasheet HTML 71Page - National Semiconductor (TI) DP83950B Datasheet HTML 72Page - National Semiconductor (TI) DP83950B Datasheet HTML 73Page - National Semiconductor (TI) DP83950B Datasheet HTML 74Page - National Semiconductor (TI) DP83950B Datasheet HTML 75Page - National Semiconductor (TI) DP83950B Datasheet HTML 76Page - National Semiconductor (TI) DP83950B Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
90 AC and DC Specifications (Continued)
INTER RIC BUS OUTPUT TIMING
TLF11096 – 35
Number
Symbol
Parameter
Min
Max
Units
T101
ircoh
IRC Output High Time
45
55
ns
T102
ircol
IRC Output Low Time
45
55
ns
T103
ircoc
IRC Output Cycle Time
90
110
ns
T104
actndapkena
ACTNd Active to PKEN Active
555
ns
T105
actndairea
ACTNd Active to IRE Active
560
ns
T106
ireoairca
IRE Output Active to IRC Active
18
m
s
T107
irdov
IRD Output Valid from IRC
10
ns
T108
irdos
IRD Output Stable Valid Time
90
ns
T109
ircohirei
IRC Output High to IRE Inactive
30
70
ns
T110
ircclks
Number of IRCs after IRE Inactive
5
clks
Note
In these diagrams the Inter-RIC and Management Busses are shown using active high signals active low signals may also be used See Section 55 Mode
Load Operation
Note
In a Multi-RIC system the PKEN signal is valid only for the first receiving RIC
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com