Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM641 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM641
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM641 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320DM641 Datasheet HTML 107Page - Texas Instruments TMS320DM641 Datasheet HTML 108Page - Texas Instruments TMS320DM641 Datasheet HTML 109Page - Texas Instruments TMS320DM641 Datasheet HTML 110Page - Texas Instruments TMS320DM641 Datasheet HTML 111Page - Texas Instruments TMS320DM641 Datasheet HTML 112Page - Texas Instruments TMS320DM641 Datasheet HTML 113Page - Texas Instruments TMS320DM641 Datasheet HTML 114Page - Texas Instruments TMS320DM641 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 171 page
background image
External Memory Interface (EMIIF)
111
June 2003 − Revised August 2004
SPRS222C
AECLKOUTx
ACEx
ABE[3:0]
AEA[22:3]
AED[31:0]
AARE/ASDCAS/ASADS/ASRE§
AAOE/ASDRAS/ASOE§
AAWE/ASDWE/ASWE§
BE1
BE2
BE3
BE4
Q1
Q2
Q3
Q4
12
11
3
1
12
10
4
2
1
8
5
8
EA1
EA2
EA3
EA4
10
† The write latency and the length of ACEx assertion are programmable via the SYNCWL and CEEXT fields, respectively, in the EMIFA CE Space
Secondary Control register (CExSEC). In this figure, SYNCWL = 0 and CEEXT = 0.
‡ The following parameters are programmable via the EMIF CE Space Secondary Control register (CExSEC):
− Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency
− Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency
− ACEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, ACEx goes inactive after the final command has been issued
(CEEXT = 0). For synchronous FIFO interface with glue, ACEx is active when ASOE is active (CEEXT = 1).
− Function of ASADS/ASRE (RENEN): For standard SBSRAM or ZBT SRAM interface, ASADS/ASRE acts as ASADS with deselect cycles
(RENEN = 0). For FIFO interface, ASADS/ASRE acts as ASRE with NO deselect cycles (RENEN = 1).
− Synchronization clock (SNCCLK): Synchronized to AECLKOUT1 or AECLKOUT2
§ AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE, and AAWE/ASDWE/ASWE operate as ASADS/ASRE, ASOE, and ASWE,
respectively, during programmable synchronous interface accesses.
Figure 4−20. Programmable Synchronous Interface Write Timing for EMIFA
(With Write Latency = 0)†‡§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com