Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM80 Datasheet HTML 18Page - Texas Instruments LM80 Datasheet HTML 19Page - Texas Instruments LM80 Datasheet HTML 20Page - Texas Instruments LM80 Datasheet HTML 21Page - Texas Instruments LM80 Datasheet HTML 22Page - Texas Instruments LM80 Datasheet HTML 23Page - Texas Instruments LM80 Datasheet HTML 24Page - Texas Instruments LM80 Datasheet HTML 25Page - Texas Instruments LM80 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Interrupt Outputs
All Interrupts are indicated in the two Interrupt Status Registers.
•
INT output has two mask registers, and individual masks for each Interrupt. As described in Using the
Configuration Register, this hardware Interrupt line can also be enabled/disabled in the Configuration
Register. The Configuration Register is also used to set the mode of the INT Interrupt line.
•
OS is dedicated to the Temperature reading WATCHDOG. In the “Fan Divisor/RST_OUT/OS Register” the
OS enable bit (Bit-6), must be set high and the RST enable bit (Bit -7) must be set low to enable the OS
function on the RST_OUT/OS pin. OS pin has two modes of operation: “One-Time Interrupt” and
“Comparator”. “One-Time Interrupt” mode is selected by taking bit-2 of the “OS Configuration/Temperature
Resolution Register” high. If bit-2 is taken low “Comparator” mode is selected. Unlike the OS pin, the OS bit in
“Interrupt Status Register 2” functions in “Default Interrupt” and “One-Time Interrupt” modes. The OS bit can
be masked to INT pin by taking bit-5 in the “Interrupt Mask Register 2” low. A description of “Comparator”,
“Default Interrupt” and “One-Time Interrupt” modes can be found in Temperature Data Format.
Interrupt Clearing
Reading an Interrupt Status Register will output the contents of the Register, and reset the Register. A
subsequent read done before the analog “round-robin” monitoring loop is complete will indicate a cleared
Register. Allow at least 1.5 seconds to allow all Registers to be updated between reads. In summary, the
Interrupt Status Register clears upon being read, and requires at least 1.5 seconds to be updated. When the
Interrupt Status Register clears, the hardwire interrupt line will also clear until the Registers are updated by the
monitoring loop. The hardware Interrupt lines are cleared with the INT_Clear bit, which is Bit 3 of the
Configuration Register, without affecting the contents of the Interrupt (INT) Status Registers. When this bit is
high, the LM80 monitoring loop will stop. It will resume when the bit is low.
RST and GPO OUTPUTS
In PC applications the open drain GPO provides a gate drive signal to an external P-channel MOSFET power
switch. This external MOSFET then would keep power turned on regardless of the state of front panel power
switches when software power control is used. In any given application this signal is not limited to the function
described by its label. For example, since the LM80 incorporates temperature sensing, the GPO output could
also be utilized to control power to a cooling fan. Take GPO active low by setting Bit 6 in the Configuration
Register low.
RST is intended to provide a master reset to devices connected to this line. The RST_OUT/OS Control bit in Fan
Divisor/RST_OUT/OS Register, Bit 7, must be set high to enable this function. Setting Bit 4 in the Configuration
Register high outputs a least 10 ms low on this line, at the end of which Bit 4 in the Configuration Register
automatically clears. Again, the label for this pin is only its suggested use. In applications where the RST
capability is not needed it can be used for any type of digital control that requires a 10 ms active low open drain
output.
NAND TREE TESTS
A NAND tree is provided in the LM80 for Automated Test Equipment (ATE) board level connectivity testing. If the
user applies a logic zero to the NTEST_IN/Reset_IN input pin, the device will be in the NAND tree test mode.
A0/NTEST_OUT will become the NAND tree output pin. To perform a NAND tree test all pins included in the
NAND tree should be driven to 1. Beginning with IN0 and working clockwise around the chip, each pin can be
toggled and a resulting toggle can be observed on A0/NTEST_OUT. The following pins are excluded from the
NAND tree test: GNDA (analog ground), GND (digital ground), V + (power supply), A0/NTEST_OUT,
NTEST_IN/Reset_IN and RST_OUT/OS. Allow for a typical propagation delay of 500 ns.
22
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com