Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM80 Datasheet HTML 10Page - Texas Instruments LM80 Datasheet HTML 11Page - Texas Instruments LM80 Datasheet HTML 12Page - Texas Instruments LM80 Datasheet HTML 13Page - Texas Instruments LM80 Datasheet HTML 14Page - Texas Instruments LM80 Datasheet HTML 15Page - Texas Instruments LM80 Datasheet HTML 16Page - Texas Instruments LM80 Datasheet HTML 17Page - Texas Instruments LM80 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Configuration Register INITIALIZATION is accomplished by setting Bit 7 of the Configuration Register high. This
Bit automatically clears after being set.
The LM80 can be reset to it's “power on state” by taking NTEST_IN/Reset_IN pin low for at least 50 ns.
Using the Configuration Register
The Configuration Register provides all control over the LM80. At power on, the ADC is stopped and INT_Clear
is asserted, clearing the INT and RST_OUT/OS hardwire outputs. The Configuration Register starts and stops
the LM80, enables and disables INT outputs, clears and sets CI and GPO I/O pins, initiates reset pulse on
RST_OUT/OS pin, and provides the Reset function described in Resets.
Bit 0 of the Configuration Register controls the monitoring loop of the LM80. Setting Bit 0 low stops the LM80
monitoring loop and puts the LM80 in shutdown mode, reducing power consumption. Serial Bus communication
is possible with any register in the LM80 although activity on these lines will increase shutdown current, up to as
much as maximum rated supply current, while the activity takes place. Taking Bit 0 high starts the monitoring
loop, described in more detail subsequently.
Bit 1 of the Configuration Register enables the INT Interrupt hardwire output when this bit is taken high.
Bit 2 of the Configuration Register defines whether the INT pin is open source or open drain.
Bit 3 clears the INT output when taken high. The LM80 monitoring function will stop until bit 3 is taken low. The
content of the Interrupt (INT) Status Registers will not be affected.
Bit4, when taken high, will initiate a 10 ms RESET signal on the RST_OUT/OS output (when this pin is in the
RST mode).
When bit 5 is taken high the CI (Chassis Intrusion) pin is reset.
Bit 6 of the configuration register sets or clears the GPO output. This pin can be used in software power control
by activating an external power control MOSFET.
Starting Conversions
3.4 STARTING CONVERSION The monitoring function (Analog inputs, temperature, and fan speeds) in the
LM80 is started by writing to the Configuration Register and setting INT_Clear (Bit 3), low, and Start (Bit 0), high.
The LM80 then performs a round-robin monitoring of all analog inputs, temperature, and fan speed inputs
approximately once a second. If the temperature resolution is set to 12 bits one complete monitoring function will
take approximately 2 seconds. The sequence of items being monitored corresponds to locations in the Value
RAM (except for the Temperature reading) and is:
1. Temperature
2. IN0
3. IN1
4. IN2
5. IN3
6. IN4
7. IN5
8. IN6
9. Fan 1
10. Fan 2
Reading Conversion Results
The conversion results are available in the Value RAM. Conversions can be read at any time and will provide the
result of the last conversion. Because the ADC stops, and starts a new conversion whenever the conversion is
read, reads of any single value should not be done more often than once every 120 ms. When reading all values
with the temperature resolution set to 9-bits, allow at least 1.5 seconds between reading groups of values.
Reading more frequently than once every 1.5 seconds can also prevent complete updates of Interrupt Status
Registers and Interrupt Outputs. If the temperature resolution is set to 12-bit, allow at least 2.0 seconds between
reading groups of values.
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com