Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM80 Datasheet HTML 11Page - Texas Instruments LM80 Datasheet HTML 12Page - Texas Instruments LM80 Datasheet HTML 13Page - Texas Instruments LM80 Datasheet HTML 14Page - Texas Instruments LM80 Datasheet HTML 15Page - Texas Instruments LM80 Datasheet HTML 16Page - Texas Instruments LM80 Datasheet HTML 17Page - Texas Instruments LM80 Datasheet HTML 18Page - Texas Instruments LM80 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
A typical sequence of events upon power on of the LM80 would consist of:
1. Set WATCHDOG Limits
2. Set Interrupt Masks
3. Start the LM80 monitoring process
ANALOG INPUTS
The 8-bit ADC has a 10 mV LSB, yielding a 0V to 2.55V (2.56 - 1LSB) input range. This is true for all analog
inputs. In PC monitoring applications these inputs would most often be connected to power supplies. The 2.5,
3.3, ± 5 and ± 12 volt inputs should be attenuated with external resistors to any desired value within the input
range. Care should be taken not to exceed the power supply voltage (V+) at any time.
A typical application, such as is shown in Figure 8, might select the input voltage divider to provide 1.9V at the
analog inputs of the LM80. This is sufficiently high for good resolution of the voltage, yet leaves headroom for
upward excursions from the supply of about 25%. To simplify the process of resistor selection, set the value of
R2 first. Select a value for R2 or R4 between 10 k
Ω and 100 kΩ This is low enough to avoid errors due to input
leakage currents yet high enough to both protect the inputs under overdrive conditions as well as minimize
loading of the source. Then select R1 or R3 to provide a 1.9V input as show in Figure 8.
Resistor values shown in table provide approximately 1.9V at the analog inputs.
Figure 8. Input Examples
For positive input voltages the equation for calculating R1 is as follows:
R1 = [ (VS − VIN) / VIN] R2
(1)
For negative input voltages the equation for Calculating R3 is as follows:
R3 = [ (VS − VIN) / (VIN − 5V)] R4
(2)
The analog inputs have internal diodes that clamp inputs exceeding the power supply and ground. Exceeding
any analog input has no detrimental effect on other channels. The input diodes will also clamp voltages
appearing at the inputs of an un-powered LM80. External resistors should be included to limit input currents to
the values given in the ABSOLUTE MAXIMUM RATINGS for Input Current At Any Pin. Inputs with the attenuator
networks will usually meet these requirements. If it is possible for inputs without attenuators to be turned on while
LM80 is powered off, additional resistors of about 10 k
Ω should be added in series with the inputs to limit the
input current.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com