Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM80 Datasheet HTML 3Page - Texas Instruments LM80 Datasheet HTML 4Page - Texas Instruments LM80 Datasheet HTML 5Page - Texas Instruments LM80 Datasheet HTML 6Page - Texas Instruments LM80 Datasheet HTML 7Page - Texas Instruments LM80 Datasheet HTML 8Page - Texas Instruments LM80 Datasheet HTML 9Page - Texas Instruments LM80 Datasheet HTML 10Page - Texas Instruments LM80 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
DC Electrical Characteristics (continued)
The following specifications apply for +2.8 VDC ≤V
+ ≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+ ≤ +5.75 V
DC for LM80CIMT-5,
IN0-IN6 RS = 25Ω, unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ =
25°C.
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
DIGITAL OUTPUTS: A0/NTEST_OUT, INT
VOUT(1)
Logical “1” Output Voltage
IOUT = +5.0 mA at V
+ = +4.25V,
2.4
V (min)
IOUT = +3.0 mA at V
+ = +2.8V
VOUT(0)
Logical “0” Output Voltage
IOUT = −5.0 mA at V
+ = +5.75V,
0.4
V (max)
IOUT = −3.0 mA at V
+ = +3.8V
OPEN DRAIN OUTPUTS: GPO, RST_OUT/OS, CI
VOUT(0)
Logical “0” Output Voltage
IOUT =− 5.0 mA at V
+ = +5.75V,
0.4
V (min)
IOUT = −3.0 mA at V
+ = +3.8V
IOH
High Level Output Current
VOUT = V
+
0.1
100
μA (max)
RST_OUT/OS,
30
10
ms (min)
CI Pulse Width
OPEN DRAIN SERIAL BUS OUTPUT: SDA
VOUT(0)
Logical “0” Output Voltage
IOUT = −3.0 mA at V+ = +5.75V,
0.4
V (min)
IOUT = −3.0 mA at V
+ = +3.8V
IOH
High Level Output Current
VOUT = V
+
0.1
100
μA (max)
DIGITAL INPUTS: A0/NTEST_Out, A1-A2, BTI, CI (Chassis Intrusion), INT_IN, and NTEST_IN/Reset_IN
VIN(1)
Logical “1” Input Voltage
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
0.8
V (max)
SERIAL BUS INPUTS (SCL, SDA) and FAN TACH PULSE INPUTS (FAN1, FAN2)
VIN(1)
Logical “1” Input Voltage
0.7 × V+
V (min)
VIN(0)
Logical “0” Input Voltage
0.3 × V+
V (max)
ALL DIGITAL INPUTS Except for BTI
IIN(1)
Logical “1” Input Current
VIN = V
+
−0.005
−1
μA (min)
IIN(0)
Logical “0” Input Current
VIN = 0 VDC
0.005
1
μA (max)
CIN
Digital Input Capacitance
20
pF
BTI Digital Input
IIN(1)
Logical “1” Input Current
VIN = V
+
−1
−10
μA (min)
IIN(0)
Logical “0” Input Current
VIN = 0 VDC
500
2000
μA (max)
CIN
Digital Input Capacitance
20
pF
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com