Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM80 Datasheet HTML 2Page - Texas Instruments LM80 Datasheet HTML 3Page - Texas Instruments LM80 Datasheet HTML 4Page - Texas Instruments LM80 Datasheet HTML 5Page - Texas Instruments LM80 Datasheet HTML 6Page - Texas Instruments LM80 Datasheet HTML 7Page - Texas Instruments LM80 Datasheet HTML 8Page - Texas Instruments LM80 Datasheet HTML 9Page - Texas Instruments LM80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
The following specifications apply for +2.8 VDC ≤V
+ ≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+ ≤ +5.75 V
DC for LM80CIMT-5,
IN0-IN6 RS = 25Ω, unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ =
25°C.
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
POWER SUPPLY CHARACTERISTICS
I+
Supply Current
Interface Inactive and V+= 5.75V
0.2
2.0
mA (max)
Interface Inactive and V+= 3.8V
0.18
1.5
mA (max)
Shutdown Mode
15
μA
TEMPERATURE-to-DIGITAL CONVERTER CHARACTERISTICS
Temperature Error
−25°C ≤ TA ≤ +125°C
±3
°C (max)
Resolution
0.5
°C (min)
ANALOG-to-DIGITAL CONVERTER CHARACTERISTICS
Resolution (8 bits with full-scale at 2.56V)
10
mV
TUE
Total Unadjusted Error
See(4)
±1
% (max)
DNL
Differential Non-Linearity
±1
LSB (max)
PSS
Power Supply Sensitivity
±1
%/V
tC
Total Monitoring Cycle Time
See(5)
9-bit Temp resolution
1.0
1.5
sec (max)
12-bit Temp resolution
2
sec (max)
MULTIPLEXER/ADC INPUT CHARACTERISTICS
On Resistance
0.5
10
k
Ω (max)
Input Current (On Channel Leakage Current)
±1
μA
Off Channel Leakage Current
±1
μA
FAN RPM-to-DIGITAL CONVERTER
Fan RPM Error
+25°C
≤ TA ≤ +75°C
±10
% (max)
−10°C ≤ TA ≤ +100°C
±15
% (max)
−25°C ≤ TA ≤ +125°C
±20
% (max)
Full-scale Count
255
(max)
FAN1 and FAN2 Nominal Input
Divisor = 1, Fan Count = 153(6)
8800
RPM
RPM (See FAN INPUTS)
Divisor = 2, Fan Count = 153(6)
4400
RPM
Divisor = 3, Fan Count = 153(6)
2200
RPM
Divisor = 4, Fan Count = 153(6)
1100
RPM
Internal Clock Frequency
+25°C
≤ TA ≤ +75°C
20.2
kHz (min)
22.5
24.8
kHz (max)
19.1
kHz (min)
−10°C ≤ TA ≤ +100°C
22.5
25.9
kHz (max)
18
kHz (min)
−25°C ≤ TA ≤ +125°C
22.5
27
kHz (max)
(1)
Each input and output is protected by a nominal 6.5V breakdown voltage zener diode to GND; as shown below, input voltage magnitude
up to 0.3V above V+ or 0.3V below GND will not damage the LM80. There are parasitic diodes that exist between the inputs and the
power supply rails. Errors in the ADC conversion can occur if these diodes are forward biased by more than 50 mV. As an example, if
V+ is 4.50 VDC, input voltage must be ≤ 4.55 VDC, to ensure accurate conversions.
(2)
Typicals are at TJ=TA=25°C and represent most likely parametric norm.
(3)
Limits are specified to AOQL (Average Outgoing Quality Level).
(4)
TUE (Total Unadjusted Error) includes Offset, Gain and Linearity errors of the ADC.
(5)
Total Monitoring Cycle Time includes temperature conversion, 7 analog input voltage conversions and 2 tachometer readings. Each
input voltage conversion takes 100 ms typical and 112 ms maximum. 8-plus sign Temperature resolution takes 100 ms typical and 112
ms maximum, while 11-bit plus sign takes 800 ms typical and 900 ms maximum. Fan tachometer readings take 20 ms typical, at 4400
rpm, and 200 ms max.
(6)
The total fan count is based on 2 pulses per revolution of the fan tachometer output.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com