Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM80 Datasheet HTML 13Page - Texas Instruments LM80 Datasheet HTML 14Page - Texas Instruments LM80 Datasheet HTML 15Page - Texas Instruments LM80 Datasheet HTML 16Page - Texas Instruments LM80 Datasheet HTML 17Page - Texas Instruments LM80 Datasheet HTML 18Page - Texas Instruments LM80 Datasheet HTML 19Page - Texas Instruments LM80 Datasheet HTML 20Page - Texas Instruments LM80 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
LM80
www.ti.com
SNIS102F – JUNE 1999 – REVISED MARCH 2013
Alternatives for Fan Inputs
Fan with Tach Pull-Up to +5V
Fan with Tach Pull-Up to +12V, or Totem-Pole Output and Resistor Attenuator
Fan with Tach Pull-Up to +12V and Diode Clamp
Fan with Strong Tach Pull-Up or Totem Pole Output and Diode Clamp
Counts are based on 2 pulses per revolution tachometer outputs.
RPM
Time per Revolution
Counts for “Divide by 2”
Comments
(Default) in Decimal
4400
13.64 ms
153 counts
Typical RPM
3080
19.48 ms
219 counts
70% RPM
2640
22.73 ms
255 counts
60% RPM
(maximum counts)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com