Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM80 Datasheet HTML 4Page - Texas Instruments LM80 Datasheet HTML 5Page - Texas Instruments LM80 Datasheet HTML 6Page - Texas Instruments LM80 Datasheet HTML 7Page - Texas Instruments LM80 Datasheet HTML 8Page - Texas Instruments LM80 Datasheet HTML 9Page - Texas Instruments LM80 Datasheet HTML 10Page - Texas Instruments LM80 Datasheet HTML 11Page - Texas Instruments LM80 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics
The following specifications apply for +2.8 VDC ≤V
+ ≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+ ≤ +5.75 V
DC for LM80CIMT-5,
unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
(1)
Symbol
Typical(2)
Limits(3)
Units
Parameter
Conditions
(Limits)
SERIAL BUS TIMING CHARACTERISTICS
t1
SCL (Clock) Period
2.5
μs (min)
t2
Data In Setup Time to SCL High
100
ns (min)
t3
Data Out Stable After SCL Low
0
ns (min)
t4
SDA Low Setup Time to SCL Low (start)
100
ns (min)
t5
SDA High Hold Time After SCL High (stop)
100
ns (min)
(1)
Timing specifications are tested at the Serial Bus Input logic levels, VIN(0) = 0.3 × V
+ for a falling edge and V
IN(1) =0.7 × V
+ for a rising
edge, when the SCL and SDA edge rates are similar.
(2)
Typicals are at TJ=TA=25°C and represent most likely parametric norm.
(3)
Limits are specified to AOQL (Average Outgoing Quality Level).
Figure 1. Serial Bus Timing Diagram
Figure 2. ESD Protection Input Structure
Pin Name
D1
D2
D3
Pin Name
D1
D2
D3
INT_IN
x(1)
x
x
NTEST_IN/
x
Reset_IN
CI
x
x
IN0-IN6
x
x
x
GPO
x
x
BTI
x
x
x
FAN1–FAN2
x
INT
x
x
x
SCL
x
A1-A2
x
x
x
SDA
x
x
A0/NTEST_Out
x
x
x
RST_OUT/OS
x
(1)
An x indicates that the diode exists.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com