Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM80 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM80 Datasheet HTML 12Page - Texas Instruments LM80 Datasheet HTML 13Page - Texas Instruments LM80 Datasheet HTML 14Page - Texas Instruments LM80 Datasheet HTML 15Page - Texas Instruments LM80 Datasheet HTML 16Page - Texas Instruments LM80 Datasheet HTML 17Page - Texas Instruments LM80 Datasheet HTML 18Page - Texas Instruments LM80 Datasheet HTML 19Page - Texas Instruments LM80 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
LM80
SNIS102F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Voltage Measurements
R1 or R3
R2 or R4
Voltage at Analog Inputs
(VS)
( ADC code 190)
+2.5V
23.7 k
Ω
75 k
Ω
+1.9V
+3.3V
22.1 k
Ω
30 k
Ω
+1.9V
+5.0V
24 k
Ω
14.7 k
Ω
+1.9V
+12V
160 k
Ω
30.1 k
Ω
+1.9V
−12V
160 k
Ω
35.7 k
Ω
+1.9V
−5V
36 k
Ω
16.2 k
Ω
+1.9V
LAYOUT AND GROUNDING
Analog inputs will provide best accuracy when referred to the AGND pin or a supply with low noise. A separate,
low-impedance ground plane for analog ground, which provides a ground point for the voltage dividers and
analog components, will provide best performance but is not mandatory. Analog components such as voltage
dividers should be located physically as close as possible to the LM80.
The power supply bypass, the parallel combination of 10
μF (electrolytic or tantalum) and 0.1 μF (ceramic)
bypass capacitors connected between pin 9 and ground, should also be located as close as possible to the
LM80.
FAN INPUTS
Inputs are provided for signals from fans equipped with tachometer outputs. These are logic-level inputs with an
approximate threshold of V+/2. Signal conditioning in the LM80 accommodates the slow rise and fall times typical
of fan tachometer outputs. The maximum input signal range is 0 to V+. In the event these inputs are supplied
from fan outputs which exceed 0 to V+, either resistive division or diode clamping must be included to keep
inputs within an acceptable range, as shown in Alternatives for Fan Inputs. R2 is selected so that it does not
develop excessive error voltage due to input leakage. R1 is selected based on R2 to provide a minimum input of
2V and a maximum of V+. R1 should be as low as possible to provide the maximum possible input up to V+ for
best noise immunity. Alternatively, use a shunt reference or zener diode to clamp the input level.
If fans can be powered while the power to the LM80 is off, the LM80 inputs will provide diode clamping. Limit
input current to the Input Current at Any Pin specification shown in the Absolute Maximum Ratings section. In
most cases, open collector outputs with pull-up resistors inherently limit this current. If this maximum current
could be exceeded, either a larger pull up resistor should be used or resistors connected in series with the fan
inputs.
The Fan Inputs gate an internal 22.5 kHz oscillator for one period of the Fan signal into an 8-bit counter
(maximum count = 255). The default divisor, located in the VID/Fan Divisor Register, is set to 2 (choices are 1, 2,
4, and 8) providing a nominal count of 153 for a 4400 rpm fan with two pulses per revolution. Typical practice is
to consider 70% of normal RPM a fan failure, at which point the count will be 219.
Determine the fan count according to:
(3)
Note that Fan 1 and Fan 2 Divisors are programmable via the Fan Divisor/RST_OUT/OS Register.
FAN1 and FAN2 inputs can also be programmed to be level sensitive digital inputs.
Fans that provide only one pulse per revolution would require a divisor set twice as high as fans that provide two
pulses, thus maintaining a nominal fan count of 153. Therefore the divisor should be set to 4 for a fan that
provides 1 pulse per revolution with a nominal RPM of 4400.
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com