Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 3 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 3 Page - SMSC Corporation

  FDC37C669 Datasheet HTML 1Page - SMSC Corporation FDC37C669 Datasheet HTML 2Page - SMSC Corporation FDC37C669 Datasheet HTML 3Page - SMSC Corporation FDC37C669 Datasheet HTML 4Page - SMSC Corporation FDC37C669 Datasheet HTML 5Page - SMSC Corporation FDC37C669 Datasheet HTML 6Page - SMSC Corporation FDC37C669 Datasheet HTML 7Page - SMSC Corporation FDC37C669 Datasheet HTML 8Page - SMSC Corporation FDC37C669 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
3
GENERAL DESCRIPTION
The SMSC FDC37C669 PC 95 Compatible Super
I/O Floppy Disk Controller with Infrared Support
utilizes SMSC's proven SuperCell technology for
increased product reliability and functionality. The
FDC37C669 is PC95 compliant and is optimized
for motherboard applications.
The FDC37C669
supports both 1 Mbps and 2 Mbps data rates and
vertical vertical recording operation at 1 Mbps
Data Rate.
The FDC37C669 incorporates
SMSC's
true
CMOS 765B floppy disk controller, advanced
digital data separator, 16 byte data FIFO, two
16C550
compatible
UARTs, one Multi-Mode
parallel port which includes ChiProtect circuitry
plus EPP and ECP support, IDE interface, on-chip
12 mA AT bus drivers, game port chip select and
two floppy direct drive support. The true CMOS
765B core provides 100% compatibility with IBM
PC/XT and PC/AT architectures in addition to
providing data overflow and underflow protection.
The SMSC advanced digital data separator
incorporates SMSC's patented data separator
technology, allowing for ease of testing and use.
Both on-chip UARTs are compatible with the
NS16C550.
One UART includes additional
support for a Serial Infrared Interface, complying
with
IrDA,
HPSIR,
and
ASKIR
formats (used by Sharp, Apple Newton, and other
PDAs). The parallel port, the IDE interface, and
the game port select logic are compatible with
IBM
PC/AT
architectures.
The
FDC37C669
incorporates sophisticated power control circuitry
(PCC).
The PCC supports multiple low power
down modes.
The
FDC37C669
Floppy
Disk
Controller
incorporates Software Configurable Logic (SCL)
for ease of use. Use of the SCL feature allows
programmable
system
configuration
of
key
functions such as the FDC, parallel port, and
UARTs.
The parallel port ChiProtect prevents
damage caused by the printer being powered
when the FDC37C669 is not powered.
The FDC37C669 does not require any external
filter components, and is, therefore easy to use
and offers lower system cost and reduced board
area. The FDC37C669 is software and register
compatible with SMSC's proprietary 82077AA
core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com