Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 8 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 4Page - SMSC Corporation FDC37C669 Datasheet HTML 5Page - SMSC Corporation FDC37C669 Datasheet HTML 6Page - SMSC Corporation FDC37C669 Datasheet HTML 7Page - SMSC Corporation FDC37C669 Datasheet HTML 8Page - SMSC Corporation FDC37C669 Datasheet HTML 9Page - SMSC Corporation FDC37C669 Datasheet HTML 10Page - SMSC Corporation FDC37C669 Datasheet HTML 11Page - SMSC Corporation FDC37C669 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
7
Direction
Control
nDIR
OD48
This
high
current
low
active
output
determines
the
direction
of
the
head
movement.
A logic "1" on this pin means
outward motion, while a logic "0" means
inward motion.
8
nStep Pulse
nSTEP
OD48
This active low high current driver issues a
low pulse for each track-to-track movement
of the head.
17
Disk Change
nDSKCHG
IS
This input senses that the drive door is open
or that the diskette has possibly been
changed since the last drive selection. This
input is inverted and read via bit 7 of I/O
address 3F7H.
4,3
nDrive Select
O,1
nDS0,1
OD48
Active low open drain outputs select drives
0-1.
2,5
nMotor On 0,1
nMTR0,1
OD48
These active low open drain outputs select
motor drives 0-1.
1
DRVDEN0
DRVDEN0
OD48
Indicates the drive and media selected.
Refer
to
configuration
registers
CR03,
CR0B, CR1F.
14
nWrite
Protected
nWRTPRT
IS
This active low Schmitt Trigger input senses
from the disk drive that a disk is write
protected. Any write command is ignored.
13
wTrack 00
nTRK00
IS
This active low Schmitt Trigger input senses
from the disk drive that the head is
positioned over the outermost track.
12
nIndex
nINDEX
IS
This active low Schmitt Trigger input senses
from the disk drive that the head is
positioned over the beginning of a track, as
marked by an index hole.
18
DRVDEN1
DRVDEN 1
OD48
Indicates the drive and media selected.
Refer
to
configuration
registers
CR03,
CR0B, CR1F.
SERIAL PORT INTERFACE
88
Receive Data 2
RXD2/IRRX
I
Receiver serial data input for port 2. IR
Receive Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com