Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 41 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 37Page - SMSC Corporation FDC37C669 Datasheet HTML 38Page - SMSC Corporation FDC37C669 Datasheet HTML 39Page - SMSC Corporation FDC37C669 Datasheet HTML 40Page - SMSC Corporation FDC37C669 Datasheet HTML 41Page - SMSC Corporation FDC37C669 Datasheet HTML 42Page - SMSC Corporation FDC37C669 Datasheet HTML 43Page - SMSC Corporation FDC37C669 Datasheet HTML 44Page - SMSC Corporation FDC37C669 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 164 page
background image
41
COMMAND SET/DESCRIPTIONS
Commands can be written whenever the FDC is
in the command phase. Each command has a
unique set of needed parameters and status
results.
The FDC checks to see that the first
byte is a valid command and, if valid, proceeds
with the command. If it is invalid, an interrupt
is issued.
The user sends a Sense Interrupt
Status command which returns an invalid
command
error.
Refer
to
Table
18
or
explanations of the various symbols used.
Table 19 lists the required parameters and the
results associated with each command that the
FDC is capable of performing.
Table 18 - Description of Command Symbols
SYMBOL
NAME
DESCRIPTION
C
Cylinder Address
The currently selected address; 0 to 255.
D
Data Pattern
The pattern to be written in each sector data field during
formatting.
D0, D1, D2,
D3
Drive Select 0-3
Designates
which
drives
are
perpendicular
drives
on
the
Perpendicular Mode Command. A "1" indicates a perpendicular
drive.
DIR
Direction Control
If this bit is 0, then the head will step out from the spindle during a
relative seek. If set to a 1, the head will step in toward the spindle.
DS0, DS1
Disk Drive Select
DS1
DS0
DRIVE
0
0
drive 0
0
1
drive 1
1
0
drive 2
1
1
drive 3
DTL
Special Sector
Size
By setting N to zero (00), DTL may be used to control the number
of bytes transferred in disk read/write commands. The sector size
(N = 0) is set to 128. If the actual sector (on the diskette) is larger
than DTL, the remainder of the actual sector is read but is not
passed to the host during read commands; during write
commands, the remainder of the actual sector is written with all
zero bytes.
The CRC check code is calculated with the actual
sector. When N is not zero, DTL has no meaning and should be
set to FF HEX.
EC
Enable Count
When this bit is "1" the "DTL" parameter of the Verify command
becomes SC (number of sectors per track).
EFIFO
Enable FIFO
This active low bit when a 0, enables the FIFO. A "1" disables the
FIFO (default).
EIS
Enable Implied
Seek
When set, a seek operation will be performed before executing any
read or write command that requires the C parameter in the
command phase. A "0" disables the implied seek.
EOT
End of Track
The final sector number of the current track.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com