Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 88 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 84Page - SMSC Corporation FDC37C669 Datasheet HTML 85Page - SMSC Corporation FDC37C669 Datasheet HTML 86Page - SMSC Corporation FDC37C669 Datasheet HTML 87Page - SMSC Corporation FDC37C669 Datasheet HTML 88Page - SMSC Corporation FDC37C669 Datasheet HTML 89Page - SMSC Corporation FDC37C669 Datasheet HTML 90Page - SMSC Corporation FDC37C669 Datasheet HTML 91Page - SMSC Corporation FDC37C669 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 164 page
background image
88
PARALLEL PORT
The FDC37C669 incorporates an
IBM XT/AT
compatible parallel port.
The FDC37C669
supports the optional PS/2 type bi-directional
parallel port (SPP), the Enhanced Parallel Port
(EPP) and the Extended Capabilities Port (ECP)
parallel port modes. Refer to the FDC37C669
Configuration
Registers
and
FDC37C669
Hardware
Configuration
description
for
information on disabling, power down, changing
the base address of the parallel port, and
selecting the mode of operation.
The FDC37C669 also incorporates SMSC's
ChiProtect circuitry, which prevents possible
damage to the parallel port due to printer power-
up.
The functionality of the Parallel Port is achieved
through the use of eight addressable ports,
with their associated registers and control
gating. The control and data port are read/write
by the CPU, the status port is read/write in the
EPP mode.
The address map of the Parallel
Port is shown below:
DATA PORT
BASE ADDRESS + 00H
STATUS PORT
BASE ADDRESS + 01H
CONTROL PORT
BASE ADDRESS + 02H
EPP ADDR PORT
BASE ADDRESS + 03H
EPP DATA PORT 0
BASE ADDRESS + 04H
EPP DATA PORT 1
BASE ADDRESS + 05H
EPP DATA PORT 2
BASE ADDRESS + 06H
EPP DATA PORT 3
BASE ADDRESS + 07H
The bit map of these registers is:
D0
D1
D2
D3
D4
D5
D6
D7
Note
DATA PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
1
STATUS
PORT
TMOUT
0
0
nERR
SLCT
PE
nACK
nBUSY
1
CONTROL
PORT
STROBE AUTOFD
nINIT
SLC
IRQE
PCD
0
0
1
EPP ADDR
PORT
PD0
PD1
PD2
PD3
PD4
PD5
PD6
AD7
2,3
EPP DATA
PORT 0
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
EPP DATA
PORT 1
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
EPP DATA
PORT 2
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
EPP DATA
PORT 3
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
2,3
Note 1: These registers are available in all modes.
Note 2: These registers are only available in EPP mode.
Note 3: For EPP mode, IOCHRDY must be connected to the ISA bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com