Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 71 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 67Page - SMSC Corporation FDC37C669 Datasheet HTML 68Page - SMSC Corporation FDC37C669 Datasheet HTML 69Page - SMSC Corporation FDC37C669 Datasheet HTML 70Page - SMSC Corporation FDC37C669 Datasheet HTML 71Page - SMSC Corporation FDC37C669 Datasheet HTML 72Page - SMSC Corporation FDC37C669 Datasheet HTML 73Page - SMSC Corporation FDC37C669 Datasheet HTML 74Page - SMSC Corporation FDC37C669 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
71
PARALLEL PORT FLOPPY DISK CONTROLLER
In this mode, the Floppy Disk Control signals
are available on the parallel port pins.
When
this mode is selected, the parallel port is not
available.
There are two modes of operation,
PPFD1 and PPFD2.
These modes can be
selected in Configuration Register 4.
PPFD1
has only drive 1 on the parallel port pins; PPFD2
has drive 0 and 1 on the parallel port pins.
PPFD1: Drive 0 is on the FDC pins
Drive 1 is on the Parallel port pins
PPFD2: Drive 0 is on the Parallel port pins
Drive 1 is on the Parallel port pins
When the PPFDC is selected the following pins
are set as follows:
1.
nDACK: Assigned to the parallel port device
during configuration.
2.
PDRQ (assigned to the parallel port): not
ECP = high-Z, ECP & dmaEn = 0, ECP &
not dmaEn = high-Z
3.
IRQ assigned to the parallel port: not active,
this is hi-Z or Low depending on settings.
The following parallel port pins are read as
follows by a read of the parallel port register:
1.
Data Register (read) = last Data Register
(write)
2.
Control Register are read as "cable not
connected" STROBE, AUTOFD and SLC =
0 and nINIT = 1;
3.
Status Register reads: nBUSY = 0, PE = 0,
SLCT = 0, nACK = 1, nERR = 1.
The following FDC pins are all in the high
impedence state when the PPFDC is actually
selected by the drive select register:
1.
nWDATA, DENSEL, nHDSEL, nWGATE,
nDIR,
nSTEP,
nDS1,
nDS0,
nMTRO,
nMTR1.
2.
If PPFDx is selected, then the parallel port
can not be used as a parallel port until
"Normal" mode is selected.
The FDC signals are muxed onto the Parallel
Port pins as shown in Table 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com