Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 92 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 92 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 88Page - SMSC Corporation FDC37C669 Datasheet HTML 89Page - SMSC Corporation FDC37C669 Datasheet HTML 90Page - SMSC Corporation FDC37C669 Datasheet HTML 91Page - SMSC Corporation FDC37C669 Datasheet HTML 92Page - SMSC Corporation FDC37C669 Datasheet HTML 93Page - SMSC Corporation FDC37C669 Datasheet HTML 94Page - SMSC Corporation FDC37C669 Datasheet HTML 95Page - SMSC Corporation FDC37C669 Datasheet HTML 96Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
92
The EPP Data Port 3 is located at an offset of
'07H' from the base address.
Refer to EPP
DATA PORT 0 for a description of operation.
This register is only available in EPP mode.
EPP 1.9 OPERATION
When
the
EPP
mode
is
selected
in
the
configuration register, the standard and bi-
directional modes are also available. If no EPP
Read, Write or Address cycle is currently
executing, then the PDx bus is in the standard or
bi-directional mode, and all output signals
(STROBE, AUTOFD, INIT) are as set by the
SPP Control Port and direction is controlled by
PCD of the Control port.
In EPP mode, the system timing is closely
coupled to the EPP timing. For this reason, a
watchdog timer is required to prevent system
lockup. The timer indicates if more than 10usec
have elapsed from the start of the EPP cycle
(nIOR or nIOW asserted) to nWAIT being
deasserted (after command).
If a time-out
occurs, the current EPP cycle is aborted and the
time-out condition is indicated in Status bit 0.
During an EPP cycle, if STROBE is active, it
overrides the EPP write signal forcing the PDx
bus to always be in a write mode and the
nWRITE signal to always be asserted.
Software Constraints
Before an EPP cycle is executed, the software
must ensure that the control register bit PCD is
a logic "0" (i.e. a 04H or 05H should be written
to the Control port). If the user leaves PCD as a
logic "1", and attempts to perform an EPP write,
the chip is unable to perform the write (because
PCD is a logic "1") and will appear to perform an
EPP read on the parallel bus, no error is
indicated.
EPP 1.9 Write
The timing for a write operation (address or
data) is shown in timing diagram EPP 1.9 Write
Data or Address cycle.
IOCHRDY is driven
active low at the start of each EPP write and is
released when it has been determined that the
write cycle can complete.
The write cycle can
complete under the following circumstances:
1.
If the EPP bus is not ready (nWAIT is active
low) when nDATASTB or nADDRSTB goes
active then the write can complete when
nWAIT goes inactive high.
2.
If the EPP bus is ready (nWAIT is inactive
high) then the chip must wait for it to go
active low before changing the state of
nDATASTB, nWRITE or nADDRSTB.
The
write
can
complete
once
nWAIT
is
determined inactive.
Write Sequence of operation
1.
The host selects an EPP register, places
data on the SData bus and drives nIOW
active.
2.
The chip drives IOCHRDY inactive (low).
3.
If WAIT is not asserted, the chip must wait
until WAIT is asserted.
4.
The chip places address or data on PData
bus, clears PDIR, and asserts nWRITE.
5.
Chip asserts nDATASTB or nADDRSTRB
indicating that PData bus contains valid
information, and the WRITE signal is valid.
6.
Peripheral deasserts nWAIT,
indicating
that any setup requirements have been
satisfied and the chip may begin the
termination phase of the cycle.
7.
a)
The chip deasserts nDATASTB
or
nADDRSTRB,
this
marks
the
beginning of the termination phase. If
it
has
not
already
done
so,
the
peripheral should latch the information
byte now.
b)
The chip latches the data from the
SData bus for the PData bus and
asserts (releases) IOCHRDY allowing
the
host to complete the write
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com