Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 97 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 97 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 93Page - SMSC Corporation FDC37C669 Datasheet HTML 94Page - SMSC Corporation FDC37C669 Datasheet HTML 95Page - SMSC Corporation FDC37C669 Datasheet HTML 96Page - SMSC Corporation FDC37C669 Datasheet HTML 97Page - SMSC Corporation FDC37C669 Datasheet HTML 98Page - SMSC Corporation FDC37C669 Datasheet HTML 99Page - SMSC Corporation FDC37C669 Datasheet HTML 100Page - SMSC Corporation FDC37C669 Datasheet HTML 101Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 164 page
background image
97
ISA IMPLEMENTATION STANDARD
This specification describes the standard ISA
interface to the Extended Capabilities Port
(ECP).
All ISA devices supporting ECP must
meet the requirements contained in this section
or the port will not be supported by Microsoft.
For a description of the ECP Protocol, please
refer to the IEEE 1284 Extended Capabilities
Port Protocol and ISA Interface Standard, Rev.
1.09, Jan.7, 1993. This document is available
from Microsoft.
Description
The port is software and hardware compatible
with existing parallel ports so that it may be
used as a standard LPT port if ECP is not
required. The port is designed to be simple and
requires a small number of gates to implement.
It does not do any "protocol" negotiation, rather
it provides an automatic high burst-bandwidth
channel that supports DMA for ECP in both the
forward and reverse directions.
Small FIFOs are employed in both forward and
reverse directions to smooth data flow and
improve the maximum bandwidth requirement.
The size of the FIFO is 16 bytes deep. The port
supports
an
automatic
handshake
for
the
standard parallel port to improve compatibility
mode transfer speed.
The port also supports run length encoded
(RLE) decompression (required) in hardware.
Compression
is
accomplished
by
counting
identical bytes and transmitting an RLE byte
that indicates how many times the next byte is
to
be
repeated.
Decompression
simply
intercepts
the
RLE
byte
and
repeats
the
following byte the specified number of times.
Hardware support for compression is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com