Electronic Components Datasheet Search
  English  ▼

X  

FDC37C669 Datasheet(PDF) 77 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 77 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 73Page - SMSC Corporation FDC37C669 Datasheet HTML 74Page - SMSC Corporation FDC37C669 Datasheet HTML 75Page - SMSC Corporation FDC37C669 Datasheet HTML 76Page - SMSC Corporation FDC37C669 Datasheet HTML 77Page - SMSC Corporation FDC37C669 Datasheet HTML 78Page - SMSC Corporation FDC37C669 Datasheet HTML 79Page - SMSC Corporation FDC37C669 Datasheet HTML 80Page - SMSC Corporation FDC37C669 Datasheet HTML 81Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
77
LINE CONTROL REGISTER (LCR)
Address Offset = 3H, DLAB = 0, READ/WRITE
This register contains the format information of
the serial line. The bit definitions are:
Bits 0 and 1
These two bits specify the number of bits in
each transmitted or received serial character.
The encoding of bits 0 and 1 is as follows:
The Start, Stop and Parity bits are not included
in the word length.
Bit 2
This bit specifies the number of stop bits in each
transmitted or received serial character. The
following table summarizes the information.
Note:
The receiver will ignore all stop bits
beyond the first, regardless of the number used
in transmitting.
Bit 3
Parity Enable bit. When bit 3 is a logic "1", a
parity bit is generated (transmit data) or
checked (receive data) between the last data
word bit and the first stop bit of the serial data.
(The parity bit is used to generate an even or
odd number of 1s when the data word bits and
the parity bit are summed).
Bit 4
Even Parity Select bit. When bit 3 is a logic "1"
and bit 4 is a logic "0", an odd number of logic
"1"'s is transmitted or checked in the data word
bits and the parity bit. When bit 3 is a logic "1"
and bit 4 is a logic "1" an even number of bits is
transmitted and checked.
Bit 5
Stick Parity bit. When bit 3 is a logic "1" and bit
5 is a logic "1", the parity bit is transmitted and
then detected by the receiver in the opposite
state indicated by bit 4.
Bit 6
Set Break Control bit. When bit 6 is a logic "1",
the transmit data output (TXD) is forced to the
Spacing or logic "0" state and remains there
(until reset by a low level bit 6) regardless of
other transmitter activity. This feature enables
the
Serial
Port
to
alert
a
terminal
in
a
communications system.
Bit 7
Divisor Latch Access bit (DLAB). It must be set
high (logic "1") to access the Divisor Latches of
the Baud Rate Generator during read or write
operations.
It must be set low (logic "0") to
access
the
Receiver
Buffer
Register,
the
Transmitter Holding Register, or the Interrupt
Enable Register.
MODEM CONTROL REGISTER (MCR)
Address
Offset
=
4H,
DLAB
=
X,
READ/WRITE
This 8 bit register controls the interface with the
MODEM or data set (or device emulating a
MODEM). The contents of the MODEM control
register are described below.
BIT 1
BIT 0 WORD LENGTH
0
0
1
1
0
1
0
1
5 Bits
6 Bits
7 Bits
8 Bits
BIT 2
WORD LENGTH
NUMBER OF
STOP BITS
0
--
1
1
5 bits
1.5
1
6 bits
2
1
7 bits
2
1
8 bits
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com