Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 16Page - Texas Instruments TAS3208 Datasheet HTML 17Page - Texas Instruments TAS3208 Datasheet HTML 18Page - Texas Instruments TAS3208 Datasheet HTML 19Page - Texas Instruments TAS3208 Datasheet HTML 20Page - Texas Instruments TAS3208 Datasheet HTML 21Page - Texas Instruments TAS3208 Datasheet HTML 22Page - Texas Instruments TAS3208 Datasheet HTML 23Page - Texas Instruments TAS3208 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Specification Coverage
The TAS3208 is covered by the following specifications:
•
IEC 60956-1: Second Edition, 2004-03
•
IEC 60956-3: Second Edition, 2003-01
•
IEC 958-2: First Edition, 1994-07
Specification coverage details can be found in Table 5.
Table 5. TAS3208 Specification Coverage(1)
SPECIFICATION
SECTION
SUPPORTED
REMARKS
Interface Format (4)
Yes
Auto frame formatting
IEC 60958-1
Channel Status (5)
Yes
First two bits fixed to 00 (consumer, linear PCM)
Mode 1 (software info delivery using
IEC 958-2
b32
–191 of channel stat)
No
Bits 28
–191 fixed to all zero
(4.2.2.1
–4.2.2.3)
Channel Status
– General (5.1)
Yes
First channel status bit fixed to 0
b0
–1:
Fixed (00)
b2:
Register settable
Channel Status
– Application (5.2.1) –
Yes
Byte0 (control)
b3
–5:
Register settable
b6
–7:
Fixed (00)
Category code is register settable, with default value
Channel Status
– Application (5.2.2) –
Yes,
0101010L (digital sound processor), but user data is
Byte1 (category)
with restriction
fixed to all zero.
b16
–19: Register settable
Channel Status
– Application (5.2.2) –
Yes
Byte2 (source and channel number)
b20
–23: H/W auto set (1 for left, 2 for right channel)
Channel Status
– Application (5.2.2) –
b24
–27: Register settable (32, 44.1, 48 kHz only)
Yes,
Byte3 (sampling freq and clock
with restriction
b28
–29: Register settable
accuracy)
IEC 60958-3
H/W auto set according to register setting,
b32
–35
24-bit original output sample truncated to the
Channel Status
– Application (5.2.2) –
:
Yes,
specified word length
Byte4 (word length, original sampling
partially
rate, Byte0, b1, 6, 7 =
“0”)
b36
–39
Fixed to all zero (not indicated)
:
Specifying categories other than 0101010L (digital
Yes,
Category Code Groups (5.3.2)
sound processor), especially those requiring nonzero
with restriction
user data is not recommended.
User Data (6)
All zero
Clock accuracy indication is register settable. Expected
Timing Accuracy (7.2.1)
Yes
to set level I (50 ppm) for master mode (XTAL source) or
level II (1000 ppm) for slave mode.
Standard output buffer. Needs external SPDIF driver
Line Driver Characteristics (7.3.2)
No
(e.g., optical driver).
(1)
Other sections of the specification not mentioned here are either considered irrelevant or covered elsewhere. IEC 60958-4 is specific for
professional applications and, thus, irrelevant.
20
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com