Electronic Components Datasheet Search
  English  ▼

X  

TAS3208 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3208 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TAS3208 Datasheet HTML 56Page - Texas Instruments TAS3208 Datasheet HTML 57Page - Texas Instruments TAS3208 Datasheet HTML 58Page - Texas Instruments TAS3208 Datasheet HTML 59Page - Texas Instruments TAS3208 Datasheet HTML 60Page - Texas Instruments TAS3208 Datasheet HTML 61Page - Texas Instruments TAS3208 Datasheet HTML 62Page - Texas Instruments TAS3208 Datasheet HTML 63Page - Texas Instruments TAS3208 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 79 page
background image
TAS3208
SLES201E
– JANUARY 2007 – REVISED MARCH 2011
www.ti.com
Table 20. Termination Header Block Structure(1)
CALC
TOTAL
REGISTER
BYTE
DATA BLOCK FORMAT
NOTE
CHECKSUM
NO. BYTES
1
Checksum MSB
00
2
Checksum LSB
00
3
Memory to be loaded
00
4
0x00
00
Control
0x04
5
Start memory address MSB
00
6
Start memory address LSB
00
7
Total number of byte transferred MSB
00
8
Total number of byte transferred LSB
00
(1)
Shades cells indicate the values included in the checksum/total number of bytes calculation.
I
2C Register Map
The I2C register map for ROM advanced code is described in Table 21.
Table 21. I2C Register Map(1)
SUB
REGISTER
BYTES
CONTENTS
DEFAULT VALUE
ADDRESS
0x00
SAP/Clock Setting
4
See SAP/Clock Setting Register
0x01
4
u(31:24), u(23:16), u(15:8), u(7)M(6:3)N(2:0)
0x00, 0x00, 0x00, 0x00
I2C M and N
0x00, 0x00, 0x00, 0x00
0x02
Status
8
See Status Register
0x00, 0x00, 0x00, 0x00
0x03
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x00, 0x00, 0x00, 0x00
0x04
8
See I2C RAM Load Control Register
I2C RAM Load Control
0x00, 0x00, 0x00, 0x00
0x00, 0x00, 0x00, 0x00
0x05
8
See I2C RAM Load Data Register
I2C RAM Load Data
0x00, 0x00, 0x00, 0x00
0x06
PEEK/POKE Control
4
See PEEK/POKE Control Register
0x00, 0x00, 0x00, 0x00
0x00, 0x00, 0x00, 0x00
0x07
PEEK/POKE Data
8
See PEEK/POKE Data Register
0x00, 0x00, 0x00, 0x00
0x08
Silicon Version
4
ver(31:24), ver(23:16), ver(15:8), ver(7:0)
0x00, 0x00, 0x00, 0x02
0x09
Mute Control
4
See Mute Control Register
0x00, 0x00, 0x00, 0x00
0x0a
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0b
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0c
GPIO Control
4
See GPIO Control Register
0x00, 0x00, 0x00, 0x00
0x0d
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0e
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x0f
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x10
Powerdown Control
4
See Powerdown Control Register
0x00, 0x00, 0x00, 0x00
0x11
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x12
A-MUX Control
4
See A-MUX Control Register
0x00, 0x00, 0x00, 0x00
0x13
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x14
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
0x15
Reserved
4
u(31:24), u(23:16), u(15:8), u(7:0)
0x00, 0x00, 0x00, 0x00
(1)
Shades cells indicate common to basic and advanced modes. Unshaded cells indicate advanced mode only.
60
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TAS3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com